Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV05LUSOT26 Datasheet (PDF) - First Silicon Co., Ltd

FTV05LUSOT26 Datasheet PDF - First Silicon Co., Ltd
Part # FTV05LUSOT26
Download  FTV05LUSOT26 Download
File Size   621.66 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description U ni-direction ESD Protection Array

FTV05LUSOT26 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTV05LUSOT26 Datasheet PDF - First Silicon Co., Ltd

Part # FTV05LUSOT26
Download  FTV05LUSOT26 Click to download

File Size   621.66 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description U ni-direction ESD Protection Array

FTV05LUSOT26 Datasheet (HTML) - First Silicon Co., Ltd


FTV05LUSOT26 Product details

DES C R IP T IO N
Designed to protect voltage sensitive electronic components from ESD and other
transients. Excellent clamping capability, low leakage, low capacitance, and fast
response time provide best in class protection on designs that are exposed to ESD.
The combination of small size, low capacitance, and high level of ESD protection
makes them a flexible solution for applications such as HDMI, Display Port TM, and
MDDI interfaces. It is designed to replace multiplayer varistors (MLV) in consumer
equipments applications such as mobile phone, notebook, PAD, STB, LCD TV etc.

FEATURES
 Uni-directional ESD protection of four lines
 Low capacitance: 0.8pF(max)
 Low reverse stand−off voltage: 5V
 Low reverse clamping voltage
 Low leakage current
 Excellent package:2.92mm×1.60mm×1.10mm
 Fast response time
 JESD22-A114-B ESD Rating of class 3B per human body model
 IEC 61000-4-2 Level 4 ESD protection

APPLICATIONS
 Computers and peripherals
 Audio and video equipment
 High speed data lines
 Cell phone
 MID
 PDA
 High Definition Multi-Media Interface (HDMI)
 Digital Visual Interface (DVI)
 Other electronics equipments communication systems




Similar Part No. - FTV05LUSOT26

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Similar Description - FTV05LUSOT26

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CESD5V0J4 JIANGSU-CESD5V0J4 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC3V0J4 JIANGSU-CESDLC3V0J4 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC5V0G3 JIANGSU-CESDLC5V0G3 Datasheet
1Mb / 6P
Quad-direction ESD Protection Array
CESDLC5V0K5 JIANGSU-CESDLC5V0K5 Datasheet
677Kb / 6P
Quad-direction ESD Protection Array
CESDLC5V0L4 JIANGSU-CESDLC5V0L4 Datasheet
749Kb / 6P
Quad-direction ESD Protection Array
ESDU5V0AG4B JIANGSU-ESDU5V0AG4B Datasheet
2Mb / 6P
Uni-direction ESD Protection Array
ESDU5V0N4 JIANGSU-ESDU5V0N4 Datasheet
680Kb / 6P
Uni-direction ESD Protection Array
logo
First Silicon Co., Ltd
FTV05E-04 FS-FTV05E-04 Datasheet
353Kb / 5P
Quad-direction ESD Protection Array
FTV05L-04 FS-FTV05L-04 Datasheet
575Kb / 6P
U ni-direction ESD Protection Array
FTV50SOT563 FS-FTV50SOT563 Datasheet
655Kb / 6P
Q u ad-direction ESD Protection Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com