Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTVESD0512X6 Datasheet (PDF) - First Silicon Co., Ltd

FTVESD0512X6 Datasheet PDF - First Silicon Co., Ltd
Part # FTVESD0512X6
Download  FTVESD0512X6 Download
File Size   356.22 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low leakage: nA level

FTVESD0512X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTVESD0512X6 Datasheet PDF - First Silicon Co., Ltd

Part # FTVESD0512X6
Download  FTVESD0512X6 Click to download

File Size   356.22 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Ultra low leakage: nA level

FTVESD0512X6 Datasheet (HTML) - First Silicon Co., Ltd


FTVESD0512X6 Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
–IEC61000-4-4 (EFT) 40A (5/50ns)
–IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - FTVESD0512X6

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
More results


Similar Description - FTVESD0512X6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
75-nA Battery Leakage
logo
Shanghai Leiditech Elec...
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
Ultra low leakage: nA level
ESDA08CP LEIDITECH-ESDA08CP Datasheet
258Kb / 3P
Ultra low leakage: nA level
PESD1CAN-U LEIDITECH-PESD1CAN-U Datasheet
421Kb / 3P
Ultra low leakage: nA level
LC0504W LEIDITECH-LC0504W Datasheet
1Mb / 4P
Ultra low leakage: nA level
ESD5Z5L LEIDITECH-ESD5Z5L Datasheet
691Kb / 4P
Ultra low leakage: nA level
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
Ultra low leakage: nA level Low clamping voltage
ESD25CT8 LEIDITECH-ESD25CT8 Datasheet
4Mb / 7P
Ultra low leakage: nA level
logo
First Silicon Co., Ltd
FTVESD0512S6 FS-FTVESD0512S6 Datasheet
422Kb / 4P
Ultra low leakage: nA level
2021. 12. 29 Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com