Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM8Z2V0C Datasheet (PDF) - First Silicon Co., Ltd

MM8Z2V0C Datasheet PDF - First Silicon Co., Ltd
Part # MM8Z2V0C
Download  MM8Z2V0C Download
File Size   505.81 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description SOD - 882 Surface M ount Zener Volt ag e Regulators

MM8Z2V0C Datasheet (PDF)

Go To PDF Page Download Datasheet
MM8Z2V0C Datasheet PDF - First Silicon Co., Ltd

Part # MM8Z2V0C
Download  MM8Z2V0C Click to download

File Size   505.81 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description SOD - 882 Surface M ount Zener Volt ag e Regulators

MM8Z2V0C Datasheet (HTML) - First Silicon Co., Ltd


MM8Z2V0C Product details

Specification Features:
 High Speed Switching
 Small Surface Mounting Type (DFN1006)
 RoHS Compliant
 Green EMC
 Matte Tin(Sn) Lead Finish
 Band Indicates Cathode
 Weight: approx. 0.001g




Similar Part No. - MM8Z2V0C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MM8Z2V0C LEIDITECH-MM8Z2V0C Datasheet
538Kb / 4P
Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
MM8Z2V0C LUGUANG-MM8Z2V0C Datasheet
923Kb / 4P
Surface Mount Zener Voltage Regulators
Revision:20170701-P1
logo
SeCoS Halbleitertechnol...
MM8Z2V0C-C SECOS-MM8Z2V0C-C Datasheet
301Kb / 3P
200mW Surface Mount Zener Voltage Regulators.
More results


Similar Description - MM8Z2V0C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G_11 Datasheet
98Kb / 4P
Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com