Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR05L Datasheet (PDF) - First Silicon Co., Ltd

SR05L Datasheet PDF - First Silicon Co., Ltd
Part # SR05L
Download  SR05L Download
File Size   699.47 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 3-Line Ultra Low Capacitance TVS Diode

SR05L Datasheet (PDF)

Go To PDF Page Download Datasheet
SR05L Datasheet PDF - First Silicon Co., Ltd

Part # SR05L
Download  SR05L Click to download

File Size   699.47 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 3-Line Ultra Low Capacitance TVS Diode

SR05L Datasheet (HTML) - First Silicon Co., Ltd


SR05L Product details

Description
The SR05L is a 2-line ultra-low capacitance TVS
diode array, utilizing leading monolithic silicon technology
to provide fast response time and low ESD clamping
voltage, making this device an ideal solution for protecting
voltage sensitive high-speed data lines. The SR05L
has a very low capacitance with a typical value at 0.3pF,
and complies with the IEC 61000-4-2 (ESD) with ± 25kV
air and ± 20kV contact discharge. It is assembled into a 4-
pin SOT-143 lead-free package. The small size, very low
capacitance and high ESD surge protection make
SR05L an ideal choice to protect cell phone, digital
video interfaces, high speed data ports, and many other
portable applications. .

Features
Ultra low capacitance: 0.3pF typical
Working voltage: 5V
Low clamping voltage
Protects two data lines and one power line
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
 Cellular Handsets and Accessories
 Display Ports
 MDDI Ports
 USB Ports
 Digital Visual Interface (DVI)
 PCI Express and Serial SATA Ports




Similar Part No. - SR05L

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SR05L LEIDITECH-SR05L Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
SHENZHEN WPMTEK CO., LT...
SR05LC WPMTEK-SR05LC Datasheet
710Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
Ver 1.51
More results


Similar Description - SR05L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8811 AOSMD-AOZ8811 Datasheet
338Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8811-03 AOSMD-AOZ8811-03 Datasheet
331Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8821-03 AOSMD-AOZ8821-03 Datasheet
334Kb / 7P
Ultra-Low Capacitance One-line TVS Diode
AOZ8822 AOSMD-AOZ8822 Datasheet
358Kb / 7P
Ultra-Low Capacitance Two-line TVS Diode
logo
Applied Power Microelec...
AR0502P1 APMICRO-AR0502P1 Datasheet
707Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502P6 APMICRO-AR0502P6 Datasheet
636Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
AR0502S1 APMICRO-AR0502S1 Datasheet
766Kb / 5P
2-Line Ultra-Low Capacitance TVS Diode Array
AR0502S2 APMICRO-AR0502S2 Datasheet
784Kb / 5P
2-Line Ultra Low Capacitance TVS Diode
AR0532P6 APMICRO-AR0532P6 Datasheet
718Kb / 4P
2-Line Ultra Low Capacitance TVS Diode
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com