Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L05 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

78L05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 78L05
Download  78L05 Download
File Size   1708.73 Kbytes
Page   2 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOT-23 Encapsulate Three Terminal Voltage Regulators

78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
78L05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 78L05
Download  78L05 Click to download

File Size   1708.73 Kbytes
Page   2 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description SOT-23 Encapsulate Three Terminal Voltage Regulators

78L05 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


78L05 Product details

FEATURES
Maximum Output Current IO: 0.1 A
Output Voltage VO: 5 V
Continuous Total Dissipation
PD: 0.5 W (Ta = 25 ℃)




Similar Part No. - 78L05

ManufacturerPart #DatasheetDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
STMicroelectronics
78L05 STMICROELECTRONICS-78L05 Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
List of Unclassifed Man...
78L05 ETC1-78L05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05 Datasheet
122Kb / 3P
3-Terminal Regulators
More results


Similar Description - 78L05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78L05M ZPSEMI-CJ78L05M Datasheet
1Mb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L05-SOT89-3L ZPSEMI-CJ78L05-SOT89-3L Datasheet
692Kb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L08-3L ZPSEMI-CJ78L08-3L Datasheet
481Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ78L09-SOT89-3L ZPSEMI-CJ78L09-SOT89-3L Datasheet
444Kb / 1P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L18-SOT89-3L ZPSEMI-CJ78L18-SOT89-3L Datasheet
387Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ79L06-SOT23-3L ZPSEMI-CJ79L06-SOT23-3L Datasheet
520Kb / 1P
SOT-23-3L Encapsulate Three Terminal Voltage Regulators
CJ79L08-SOT23-3L ZPSEMI-CJ79L08-SOT23-3L Datasheet
522Kb / 1P
SOT-23-3L Encapsulate Three Terminal Voltage Regulators
CJ79L09-SOT23-3L ZPSEMI-CJ79L09-SOT23-3L Datasheet
459Kb / 1P
SOT-23-3L Encapsulate Three Terminal Voltage Regulators
CJ79L09-SOT89-3L ZPSEMI-CJ79L09-SOT89-3L Datasheet
642Kb / 1P
SOT-89-3L Encapsulate Three terminal voltage regulators
CJ79L12-SOT23-3L ZPSEMI-CJ79L12-SOT23-3L Datasheet
528Kb / 1P
SOT-23-3L Encapsulate Three terminal voltage regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com