Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8820A Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

8820A Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 8820A
Download  8820A Download
File Size   3507.37 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description DFN-2x3-6L Plastic-Encapsulate MOSFETS

8820A Datasheet (PDF)

Go To PDF Page Download Datasheet
8820A Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8820A
Download  8820A Click to download

File Size   3507.37 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description DFN-2x3-6L Plastic-Encapsulate MOSFETS

8820A Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


8820A Product details

FEATURE
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package

APPLICATION
Battery Protection
Load Switch
Power Management




Similar Part No. - 8820A

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
8820A EMCORE-8820A Datasheet
387Kb / 19P
System 8000 Fiber-Optic Interfacility Links
More results


Similar Description - 8820A

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ818B ZPSEMI-CJ818B Datasheet
2Mb / 3P
SOT-23-6L Plastic-Encapsulate Transistors
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
logo
Shenzhen Tuofeng Semico...
8820B TUOFENG-8820B Datasheet
3Mb / 4P
DFN-3x3-8L Plastic-Encapsulate MOSFETS
Feb,2018 V1.0
TFD120N02 TUOFENG-TFD120N02 Datasheet
3Mb / 5P
DFN-2x3-6L Plastic-Encapsulate MOSFETS
Jun 2022 V1.0
logo
Nanjing International G...
NJ7002KDM DGNJDZ-NJ7002KDM Datasheet
2Mb / 5P
SOT-23 -6L Plastic-Encap sulate MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com