Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78M05 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

LM78M05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # LM78M05
Download  LM78M05 Download
File Size   822.75 Kbytes
Page   2 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description TO-251/TO-252-2L Plastic-Encapsulate Transistors

LM78M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78M05 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # LM78M05
Download  LM78M05 Click to download

File Size   822.75 Kbytes
Page   2 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description TO-251/TO-252-2L Plastic-Encapsulate Transistors

LM78M05 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


LM78M05 Product details

FEATURES
Maximum Output current
IOM: 0.5 A
Output voltage
VO: 5V
Continuous total dissipation
PD: 1.25 W




Similar Part No. - LM78M05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
88Kb / 14P
3-Terminal 0.5A Positive Voltage Regulator
logo
Guangdong Kexin Industr...
LM78M05 KEXIN-LM78M05 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
First Components Intern...
LM78M05 FCI-LM78M05 Datasheet
529Kb / 7P
LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05 FAIRCHILD-LM78M05 Datasheet
297Kb / 9P
3-Terminal 0.5 A Positive Voltage Regulator
logo
Texas Instruments
LM78M05 TI1-LM78M05 Datasheet
1Mb / 22P
3-Terminal 500-mA Positive Voltage Regulators
More results


Similar Description - LM78M05

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12-TO251-3L ZPSEMI-CJ78M12-TO251-3L Datasheet
1,002Kb / 1P
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Regulators
CJ7812-TO251 ZPSEMI-CJ7812-TO251 Datasheet
519Kb / 1P
TO-251/TO-252-2L Plastic-Encapsulate Voltage Regulators
logo
Jiangsu Changjiang Elec...
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Shenzhen Huazhimei Semi...
HM78M05 HMSEMI-HM78M05 Datasheet
384Kb / 2P
TO-251/TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com