Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPA05 Datasheet (PDF) - Sanyo Semicon Device

DPA05 Datasheet PDF - Sanyo Semicon Device
Part # DPA05
Download  DPA05 Download
File Size   46.02 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIN Diode for FM/AM Electronic Tuning AGC Drive Use

DPA05 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPA05 Datasheet PDF - Sanyo Semicon Device

Part # DPA05
Download  DPA05 Click to download

File Size   46.02 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PIN Diode for FM/AM Electronic Tuning AGC Drive Use

DPA05 Datasheet (HTML) - Sanyo Semicon Device


DPA05 Product details

Diffused Junction Type Silicon Diode

Features
• Especially suited for use in hybrid ICs. Contains two
   chips connected in series.
• Small interterminal capacitance.
• Reverse Voltage : 50V.
• Forward Current : 50mA.

Use
• AGC output drive of FM/AM electronic tuning IC.




Similar Part No. - DPA05

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DPA00001-010I L-COM-DPA00001-010I Datasheet
74Kb / 1P
DP MALE RA TO PNL MNT F CABLE
4/27/2017
DPA00001-020I L-COM-DPA00001-020I Datasheet
126Kb / 1P
DP RA M TO PNL MNT DP F CABLE
04/26/2017
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
DPA00003-0.5M L-COM-DPA00003-0.5M Datasheet
115Kb / 1P
PREMIUM DISPLAYPORT CABLE M/M
6/8/17
More results


Similar Description - DPA05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC203CP SANYO-SVC203CP Datasheet
82Kb / 3P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC221 SANYO-SVC221 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC351 SANYO-SVC351 Datasheet
45Kb / 3P
Composite Varactor Diode for AM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC237 SANYO-SVC237 Datasheet
22Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC203C SANYO-SVC203C_12 Datasheet
348Kb / 6P
Varactor Diode for FM Low-Voltage Electronic Tuning Use
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com