Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM818-MCC Datasheet (PDF) - Infineon Technologies AG

IM818-MCC Datasheet PDF - Infineon Technologies AG
Part # IM818-MCC
Download  IM818-MCC Download
File Size   1663.24 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Modular application design kit (MADK) of IM818

IM818-MCC Datasheet (PDF)

Go To PDF Page Download Datasheet
IM818-MCC Datasheet PDF - Infineon Technologies AG

Part # IM818-MCC
Download  IM818-MCC Click to download

File Size   1663.24 Kbytes
Page   35 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Modular application design kit (MADK) of IM818

IM818-MCC Datasheet (HTML) - Infineon Technologies AG


IM818-MCC Product details

EVAL-M1-IM818-A is an evaluation board for motor drive applications based on a 3-phase IPM. Combined with
one of the available MADK control board options, it demonstrates Infineon's IPM technology for motor drives.
The kit demonstrates Infineon’s IPM technology for motor drives.
Main features of CIPOS™ Maxi IPM IM818-MCC are:
 1200 V TRENCHSTOP™ IGBT4
 Maximum blocking voltage VCES = 1200 V
 Maximum output current at 25°C case temperature IC = 16
 Rugged 1200 V SOI gate driver technology with stability against transient and negative voltage
 Allowable negative VS potential up to -11 V for signal transmission at VBS = 15 V
 Integrated bootstrap functionality
 Overcurrent shutdown
 Built-in NTC thermistor for temperature monitoring
 Under-voltage lockout at all channels
 Low side emitter pins accessible
 For all phase current monitoring (open emitter)
 Cross-conduction prevention
 All of 6 switches turn off during protection
 Programmable fault clear timing and enable input
 Lead-free terminal plating; RoHS compliant
The evaluation board characteristics are:
 Nominal input voltage 380 VAC
 Default 2.4 kW motor power output
 On board EMI filter
 Current sensing for each leg configured by default
 Sensing of DC-link voltage
 Measurement test-points compatible to standard oscilloscope probes
 PCB size is 197 mm x 140 mm and has two layers with 35 μm copper each
 RoHS compliant




Similar Part No. - IM818-MCC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM818-MCC INFINEON-IM818-MCC Datasheet
961Kb / 21P
CIPOS??Maxi IM818 IM818-MCC
V 2.2 2019-06-07
More results


Similar Description - IM818-MCC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM240-A INFINEON-EVAL-M1-IM240-A Datasheet
1Mb / 36P
iMOTION™ modular application design kit
Revision 1.1 2020-09-29
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com