Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G20 Datasheet (PDF) - Vishay Siliconix

G20 Datasheet PDF - Vishay Siliconix
Part # G20
Download  G20 Download
File Size   330.32 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

G20 Datasheet (PDF)

Go To PDF Page Download Datasheet
G20 Datasheet PDF - Vishay Siliconix

Part # G20
Download  G20 Click to download

File Size   330.32 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

G20 Datasheet (HTML) - Vishay Siliconix


G20 Product details

FEATURES
• Body components available with any desired pin and
socket combination
• Contacts float in molding to aid in aligning and in
withstanding vibration
• Polarization accomplished by reversed pin and socket
combination
• Barriers for increased creepage distance
• Thru hold permits use of building block technique or flat
mounting

MATERIAL SPECIFICATIONS
Standard Body: Glass-filled diallyl phthalate per ASTM
D 5948-96 green, flame retardant
Pin Contacts: Brass
Socket Contacts: Phosphor bronze
Contact Plating: Gold, 10 micro-inches

PHYSICAL SPECIFICATIONS
Minimum Creepage Path between Contacts: 0.25" [6.35 mm]
Minimum Air Space between Contacts: 0.19" [4.76 mm]
Maximum Wire Size: #20 AWG




Similar Part No. - G20

ManufacturerPart #DatasheetDescription
logo
Powerbox
G20 POWERBOX-G20 Datasheet
503Kb / 1P
5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Virginia Panel Corporat...
G20 VPC-G20 Datasheet
1Mb / 2P
Protective Cover, G20, Receiver
logo
Shenzhen Taychipst Elec...
G20 TAYCHIPST-G20 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Cherry Semiconductor Co...
G20 CHERRY-G20 Datasheet
3Mb / 3P
5 current ratings
logo
XP Power Limited
G20 XPPOWER-G20 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Similar Description - G20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
G20P-A VISHAY-G20P-A Datasheet
325Kb / 2P
Rack and Panel Connectors Side Mount
14-Feb-07
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Vishay Siliconix
A20 VISHAY-A20_V01 Datasheet
459Kb / 3P
Rack and Panel Connectors Side Mount
08-Feb-07
G16 VISHAY-G16 Datasheet
131Kb / 2P
Rack and Panel Connectors Side Mount
30-Jun-14
logo
Amphenol Sine Systems C...
PRM ASS-PRM Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com