Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MILC28748 Datasheet (PDF) - Vishay Siliconix

MILC28748 Datasheet PDF - Vishay Siliconix
Part # MILC28748
Download  MILC28748 Download
File Size   102.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular

MILC28748 Datasheet (PDF)

Go To PDF Page Download Datasheet
MILC28748 Datasheet PDF - Vishay Siliconix

Part # MILC28748
Download  MILC28748 Click to download

File Size   102.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular

MILC28748 Datasheet (HTML) - Vishay Siliconix


MILC28748 Product details

FEATURES
• Qualified to MIL-C-28748/7/8
• Solder cup contacts
• Fixed and turnable screwlocks
• Closed entry socket contacts
• Group A, B testing per MIL-C-28748

APPLICATIONS
Especially suited for use in airborne, instrumentation and
portable equipment applications or wherever the following
requirements must be met: Minimum space and weight
without sacrifice of performance, high quality materials, long
service life, high vibration and shock resistance and positive
locking.

ELECTRICAL SPECIFICATIONS
Current Rating: Model MM22 = 5 A
Breakdown Voltage: At sea level: 2000 VRMS
At 70 000 feet: 500 VRMS

MATERIAL SPECIFICATIONS
Contact Pin: Phosphor bronze
Contact Socket: Phosphor bronze
Contact Plating: Gold 50 micro-inches per ASTM B488
Screwlocks: Stainless steel, passivated
Guides: Stainless steel, passivated
Standard Body: Glass-filled diallyl phthalate per
ASTM D5948, Model SDG-F, green




Similar Part No. - MILC28748

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MILCOTS-FILTER ADL-MILCOTS-FILTER Datasheet
391Kb / 1P
Power Supplies
MILCOTS-FILTER ADL-MILCOTS-FILTER Datasheet
754Kb / 2P
Power Supplies
MILCOTS-FILTER ADL-MILCOTS-FILTER Datasheet
910Kb / 2P
Power Supplies
More results


Similar Description - MILC28748

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
28-Aug-06
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
logo
Ohmite Mfg. Co.
81NFR10 OHMITE-81NFR10 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
logo
C&K Components
340107701B9PYFO CK-COMPONENTS-340107701B9PYFO Datasheet
1Mb / 6P
MDMA - Connectors, Electrical, Rectangular, Microminiature
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified
02-May-13
logo
Eaton All Rights Reserv...
MIL-F-15160 EATON-MIL-F-15160 Datasheet
570Kb / 4P
MIL-F-15160 military qualified fuses instruments, power and telephone
logo
Vishay Siliconix
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
MIL-C-28748 VISHAY-MIL-C-28748 Datasheet
101Kb / 5P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
18-Jul-17
MM22 VISHAY-MM22_V01 Datasheet
174Kb / 7P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
24-Feb-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com