Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5002 Datasheet (PDF) - Infineon Technologies AG

5002 Datasheet PDF - Infineon Technologies AG
Part # 5002
Download  5002 Download
File Size   1617.55 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ modular application design kit

5002 Datasheet (PDF)

Go To PDF Page Download Datasheet
5002 Datasheet PDF - Infineon Technologies AG

Part # 5002
Download  5002 Click to download

File Size   1617.55 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iMOTION™ modular application design kit

5002 Datasheet (HTML) - Infineon Technologies AG


5002 Product details

EVAL-M1-IM240-A is a complete evaluation board including a 3-phase IPM for motor drive application. The kit
demonstrates Infineon’s IPM technology for motor drives.
Main features of CIPOS™ Micro intelligent power module IM240-M6Z1B and IM240-M6Y1B include:
 600 V 3-phase inverter including gate drivers & bootstrap function
 Low Vce(sat) RC-DF IGBT technology
 Temperature monitor
 Accurate overcurrent shutdown (±5 %)
 Fault reporting and programmable fault clear
 Advanced input filter with shoot-through protection
 Optimized dv/dt for loss and EMI trade offs
 Open-emitter for single and leg-shunt current sensing
 3.3 V logic compatible
 Isolation 1900 VRMS, 1 min
 UL certified
The evaluation board characteristics include:
 Nominal input voltage 220 VAC
 Maximum 250 W motor power output
 On board EMI filter
 Current sensing for each phase configured by default
 Over current protection
 Sensing of DC-link voltage
 Thermistor output
 Fault diagnostic output
 Measurement test-points compatible to standard oscilloscope probes
 PCB is 100 x 100 mm and has two layers with 35 μm copper each
 RoHS compliant




Similar Part No. - 5002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
5002 INTERSIL-5002 Datasheet
1Mb / 7P
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
December 3, 2012
5002 INTERSIL-5002 Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
logo
List of Unclassifed Man...
5002 ETC2-5002 Datasheet
462Kb / 1P
THM TEST POINTS
More results


Similar Description - 5002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
EVAL-M1-05-65D INFINEON-EVAL-M1-05-65D Datasheet
1Mb / 28P
iMOTION™ Modular Application Design Kit
Revision 2.1 2018-07-09
EVAL-M1-101T INFINEON-EVAL-M1-101T Datasheet
1Mb / 33P
iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
EVAL-M1-36-45A INFINEON-EVAL-M1-36-45A Datasheet
967Kb / 30P
iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
EVAL-M1-CM610N3 INFINEON-EVAL-M1-CM610N3 Datasheet
731Kb / 26P
iMOTION™ Modular Application Design Kit
Revision 1.0 2017-05-22
EVAL-M1-IM818-A INFINEON-EVAL-M1-IM818-A Datasheet
1Mb / 35P
Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
EVAL-M3-102T INFINEON-EVAL-M3-102T Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
EVAL-M3-CM615PN INFINEON-EVAL-M3-CM615PN Datasheet
1Mb / 41P
iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
EVAL-M3-IM564 INFINEON-EVAL-M3-IM564 Datasheet
2Mb / 47P
iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
UG-2021-01 INFINEON-UG-2021-01 Datasheet
1Mb / 38P
iMOTION™ modular application design kit
V0.1 2021-03-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com