Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5423ETA Datasheet (PDF) - Maxim Integrated Products

MAX5423ETA Datasheet PDF - Maxim Integrated Products
Part # MAX5423ETA
Download  MAX5423ETA Download
File Size   611.79 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers

MAX5423ETA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5423ETA Datasheet PDF - Maxim Integrated Products

Part # MAX5423ETA
Download  MAX5423ETA Click to download

File Size   611.79 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers

MAX5423ETA Datasheet (HTML) - Maxim Integrated Products


MAX5423ETA Product details

General Description
The MAX5422/MAX5423/MAX5424 nonvolatile, linear-taper, digital potentiometers perform the function of a mechanical potentiometer, but replace the mechanics with a simple 3-wire SPI™-compatible digital interface. Each device performs the same function as a discrete potentiometer or variable resistor and has 256 tap points.

Features
♦ Wiper Position Stored in Nonvolatile Memory
   (EEPROM) and Recalled Upon Power-Up or
   Interface Command
♦ 3mm x 3mm x 0.8mm TDFN Package
♦ 35ppm/°C End-to-End Resistance Temperature
   Coefficient
♦ 5ppm/°C Ratiometric Temperature Coefficient
♦ 50kΩ, 100kΩ, and 200kΩ Resistor Values
♦ 5MHz SPI-Compatible Serial Interface
♦ 500nA (typ) Static Supply Current
♦ Single-Supply Operation: +2.7V to +5.25V
♦ 256 Tap Positions
♦ ±0.5 LSB DNL in Voltage-Divider Mode
♦ ±0.5 LSB INL in Voltage-Divider Mode

Applications
   Mechanical Potentiometer Replacement
   Low-Drift Programmable Gain Amplifiers
   Audio Volume Control
   Liquid-Crystal Display (LCD) Contrast Control
   Low-Drift Programmable Filters




Similar Part No. - MAX5423ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5423 MAXIM-MAX5423 Datasheet
229Kb / 13P
Evaluation Kit
Rev 0; 6/08
More results


Similar Description - MAX5423ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com