Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1777859 Datasheet (PDF) - PHOENIX CONTACT

1777859 Datasheet PDF - PHOENIX CONTACT
Part # 1777859
Download  1777859 Download
File Size   911.1 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 5/ 4-STF1-7,62

1777859 Datasheet (PDF)

Go To PDF Page Download Datasheet
1777859 Datasheet PDF - PHOENIX CONTACT

Part # 1777859
Download  1777859 Click to download

File Size   911.1 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - PC 5/ 4-STF1-7,62

1777859 Datasheet (HTML) - PHOENIX CONTACT


1777859 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage (III/2): 1000 V, contact surface: Tin, type of contact: Female connector, number of potentials: 4,number of rows: 1, number of positions: 4, number of connections: 4, product range: PC 5/..- STF1, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• 600 V UL approval in the smallest of dimensions
• Screwable flange for superior mechanical stability




Similar Part No. - 1777859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777804 PHOENIX-1777804 Datasheet
225Kb / 6P
PC 5/10-ST1-7,62
1777808 PHOENIX-1777808 Datasheet
123Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/ 2-STF-5,08
1777808 PHOENIX-1777808 Datasheet
157Kb / 5P
MSTB 2,5/ 2-GF-5,08
1777808 PHOENIX-1777808 Datasheet
157Kb / 6P
MSTBV 2,5/ 2-GF-5,08
1777808 PHOENIX-1777808 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
More results


Similar Description - 1777859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777833 PHOENIX-1777833 Datasheet
98Kb / 6P
Printed-circuit board connector - PC 5/ 2-STF1-7,62
1777862 PHOENIX-1777862 Datasheet
297Kb / 14P
Printed-circuit board connector - PC 5/ 5-STF1-7,62
1777875 PHOENIX-1777875 Datasheet
303Kb / 14P
Printed-circuit board connector - PC 5/ 6-STF1-7,62
1777901 PHOENIX-1777901 Datasheet
104Kb / 6P
Printed-circuit board connector - PC 5/ 9-STF1-7,62
1783940 PHOENIX-1783940 Datasheet
92Kb / 5P
PC 5/ 4-STF1-7,62 BK
1783924 PHOENIX-1783924 Datasheet
102Kb / 4P
PC 5/ 4-STF1-7,62 BG
11/04/2018
1391647 PHOENIX-1391647 Datasheet
344Kb / 10P
PCB connector - PC 5/ 5-STF1-15,24
Jul 20, 2022
1395140 PHOENIX-1395140 Datasheet
345Kb / 10P
PCB connector - PC 5/ 4-STF1-15,24
Jul 20, 2022
1391645 PHOENIX-1391645 Datasheet
346Kb / 10P
PCB connector - PC 5/ 2-STF1-15,24
Jul 20, 2022
1777846 PHOENIX-1777846 Datasheet
911Kb / 17P
PCB connector - PC 5/ 3-STF1-7,62
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com