Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYP35 Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

BYP35 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # BYP35
Download  BYP35 Download
File Size   412.27 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SILICON PRESS-FIT DIODES

BYP35 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYP35 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # BYP35
Download  BYP35 Click to download

File Size   412.27 Kbytes
Page   2 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description SILICON PRESS-FIT DIODES

BYP35 Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


BYP35 Product details

FEATURES
Norminal current 35A
Repetitive peak reverse voltage 600 V
Metal press -fit case with plastic cover
Casting compound has UL classification
94V-0




Similar Part No. - BYP35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
294Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
72Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
298Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
More results


Similar Description - BYP35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
Silicon Press-Fit-Diodes
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
KYZ35A05 SEMIKRON-KYZ35A05 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
Silicon Press-Fit-Diodes
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
Silicon Press-Fit-Diodes
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
SILICON PRESS-FIT DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com