Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK1-9V Datasheet (PDF) - Nais(Matsushita Electric Works)

RK1-9V Datasheet PDF - Nais(Matsushita Electric Works)
Part # RK1-9V
Download  RK1-9V Download
File Size   87.3 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 1.5 GHz MICROWAVE RELAY

RK1-9V Datasheet (PDF)

Go To PDF Page Download Datasheet
RK1-9V Datasheet PDF - Nais(Matsushita Electric Works)

Part # RK1-9V
Download  RK1-9V Click to download

File Size   87.3 Kbytes
Page   4 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 1.5 GHz MICROWAVE RELAY

RK1-9V Datasheet (HTML) - Nais(Matsushita Electric Works)


RK1-9V Product details

• Excellent high frequency characteristics
Isolation: Min. 60dB (at 1.5 GHz)
Insertion loss: Max. 0.3dB (at 900 MHz)
• V.S.W.R.: Max. 1.5 (at 900MHz)
• High sensitivity in small size
Size: 20.2 × 11.2 × 9.7 mm .795 × .441 × .382 inch
Nominal power consumption: 200 mW (single side stable type)
• Sealed construction for automatic cleaning
• Latching types are also available




Similar Part No. - RK1-9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
1.5GHz MICROWAVE RELAY
logo
Advantech Co., Ltd.
RK1-1601 ADVANTECH-RK1-1601 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
RK1-1602 ADVANTECH-RK1-1602 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
RK1-401 ADVANTECH-RK1-401 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
RK1-801 ADVANTECH-RK1-801 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
More results


Similar Description - RK1-9V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
1.5GHz MICROWAVE RELAY
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
Texas Instruments
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
1.5 GHz Active Probe
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
43 GHz to 44 GHz Microwave Amplifier
logo
Texas Instruments
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com