Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7443091062 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7443091062 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7443091062
Download  7443091062 Download
File Size   442.37 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

7443091062 Datasheet (PDF)

Go To PDF Page Download Datasheet
7443091062 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7443091062
Download  7443091062 Click to download

File Size   442.37 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

7443091062 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7443091062 Product details

General Information:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7443091062

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443091080 WURTH-7443091080 Datasheet
442Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.002
More results


Similar Description - 7443091062

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443081012 WURTH-7443081012 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443081018 WURTH-7443081018 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443082012B WURTH-7443082012B Datasheet
660Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
003.003
74431012012 WURTH-74431012012 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431012015 WURTH-74431012015 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431323016 WURTH-74431323016 Datasheet
689Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.002
74431435015 WURTH-74431435015 Datasheet
686Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
003.002
744302007 WURTH-744302007_V01 Datasheet
667Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
004.000
7443081030 WURTH-7443081030 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
7443081040 WURTH-7443081040 Datasheet
483Kb / 7P
WE-HCM SMT High Current Flat Wire Inductor
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com