Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX21A Datasheet (PDF) - Renesas Technology Corp

RX21A Datasheet PDF - Renesas Technology Corp
Part # RX21A
Download  RX21A Download
File Size   2008.3 Kbytes
Page   132 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 50-MHz 32-bit RX MCUs, 78 DMIPS, 24-bit ΔΣ A/D Converter up to 512-KB flash memory, IrDA, 10-bit A/D, 10-bit D/A, DEU, ELC, MPC, RTC; up to 9 comms interfaces

RX21A Datasheet (PDF)

Go To PDF Page Download Datasheet
RX21A Datasheet PDF - Renesas Technology Corp

Part # RX21A
Download  RX21A Click to download

File Size   2008.3 Kbytes
Page   132 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 50-MHz 32-bit RX MCUs, 78 DMIPS, 24-bit ΔΣ A/D Converter up to 512-KB flash memory, IrDA, 10-bit A/D, 10-bit D/A, DEU, ELC, MPC, RTC; up to 9 comms interfaces

RX21A Datasheet (HTML) - Renesas Technology Corp


RX21A Product details

■ 32-bit RX CPU core
 Max. operating frequency: 50 MHz
Capable of 78 DMIPS in operation at 50 MHz
 Accumulator handles 64-bit results (for a single
instruction) from 32- × 32-bit operations
 Multiplication and division unit handles 32- × 32-bit
operations (multiplication instructions take one CPU
clock cycle)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 Memory protection unit
 On-chip debugging circuit
■ Low power design and architecture
 Operation from a single 1.8-V to 3.6-V supply
(2.7 V to 3.6 V for the ΔΣ A/D converter operating
voltage)
 Deep software standby mode with RTC remaining usable
 Four low power modes
■ 24-bit ΔΣ A/D Converter
 SNDR = 85dB
 Seven ΔΣ converter units available. Seven channels can
be operated simultaneously or independently.
 Up to x 64 PGA gain for differential input
■ On-chip flash memory for code, no wait states
 50-MHz operation, 20-ns read cycle
 No wait states for reading at full CPU speed
 256-K to 512-Kbyte capacities
 User code programmable via the SCI
 Programmable at 1.8 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes
(Number of times of reprogramming: 100,000)
 Erasing and programming impose no load on the CPU.
■ On-chip SRAM, no wait states
 32-K to 64-Kbyte size capacities
■ DMA
 DMAC: Incorporates four channels
 DTC: Four transfer modes
■ Reset and supply management
 Nine types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 Frequency of external clock: Up to 20 MHz
 Frequency of the oscillator for sub-clock generation:
32.768 kHz
 PLL circuit input: 4 MHz to 12.5 MHz
 On-chip low- and high-speed oscillators, dedicated onchip
low-speed oscillator for the IWDT
 Generation of a dedicated 32.768-kHz clock for the RTC
 Clock frequency accuracy measurement circuit (CAC)
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Year and month display or 32-bit second display (binary
counter) is selectable
 Time capture on event-signal input through external pins
 RTC capable of initiating return from deep software
standby mode




Similar Part No. - RX21A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
More results


Similar Description - RX21A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX130 RENESAS-RX130_V01 Datasheet
2Mb / 134P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply
Aug 09, 2018
RX111 RENESAS-RX111_V01 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com