Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST-10 Datasheet (PDF) - Alpha Wire

CST-10 Datasheet PDF - Alpha Wire
Part # CST-10
Download  CST-10 Download
File Size   95.42 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

CST-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CST-10 Datasheet PDF - Alpha Wire

Part # CST-10
Download  CST-10 Click to download

File Size   95.42 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

CST-10 Datasheet (HTML) - Alpha Wire


CST-10 Product details

Construction
1) Construction
a) Material Shielding Tape
b) Type Copper Foil with Conductive Adhesive
c) Dimensions 1.000" Nominal x 0.0029" Nominal

Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment. No
Exemptions are required for RoHS Compliance on this item. Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the 16 substances listed on the
European Union's REACH Substance of Very High Concern (SVHC)
candidate list in excess of 0.1% mass of the item.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.




Similar Part No. - CST-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CST-1005 ETC2-CST-1005 Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
logo
List of Unclassifed Man...
CST-1010 ETC2-CST-1010 Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
logo
List of Unclassifed Man...
CST-1015 ETC2-CST-1015 Datasheet
472Kb / 2P
Current Sense Transformers
More results


Similar Description - CST-10

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com