Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF075N03M Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF075N03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF075N03M
Download  TF075N03M Download
File Size   2358.14 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description PDFN 3333 Plastic-Encapsulate MOSFETS

TF075N03M Datasheet (PDF)

Go To PDF Page Download Datasheet
TF075N03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF075N03M
Download  TF075N03M Click to download

File Size   2358.14 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description PDFN 3333 Plastic-Encapsulate MOSFETS

TF075N03M Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF075N03M Product details

Features
• 30V/30A
RDS (ON) =7.5mΩ(Typ.)@VGS=10V
RDS (ON) =9.3mΩ(Typ.)@VGS=4.5V
• Super High Dense Cell Design
• Fast Switching Speed
• Low gate Charge
• 100% avalanche tested
• Lead Free and Green Devices Available

Applications
• Switching Application Systems




Similar Part No. - TF075N03M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TF070265WP10338BK1 VISHAY-TF070265WP10338BK1 Datasheet
85Kb / 4P
RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
14-Sep-15
logo
Shenzhen Tuofeng Semico...
TF070N04M TUOFENG-TF070N04M Datasheet
4Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Dec 2021V1.0
TF070N04N TUOFENG-TF070N04N Datasheet
4Mb / 6P
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021 V1.0
logo
Allen-Bradley
TF071 ALLEN-BRADLEY-TF071 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Similar Description - TF075N03M

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com