Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF100N03 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF100N03 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF100N03
Download  TF100N03 Download
File Size   2099.87 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TF100N03 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF100N03 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF100N03
Download  TF100N03 Click to download

File Size   2099.87 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

TF100N03 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF100N03 Product details

Features
 30V , 100A
RDSON (typ)= 2.9mΩ @ VGS =10V
RDSON (typ)= 4.3mΩ @ VGS =4.5V
 Advanced Trench Technology
 Provide Excellent RDS(ON) and Low Gate Charge
 Lead free product is acquired

Application
 Load Switch
 PWM Application
 Power management
100% UIS TESTED!
100% ΔVds TESTED!




Similar Part No. - TF100N03

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF100N03M TUOFENG-TF100N03M Datasheet
4Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Aug 2021V2.0
More results


Similar Description - TF100N03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com