Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEE04F18 Datasheet (PDF) - Astec America, Inc

AEE04F18 Datasheet PDF - Astec America, Inc
Part # AEE04F18
Download  AEE04F18 Download
File Size   107.72 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 15 Watts

AEE04F18 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEE04F18 Datasheet PDF - Astec America, Inc

Part # AEE04F18
Download  AEE04F18 Click to download

File Size   107.72 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 15 Watts

AEE04F18 Datasheet (HTML) - Astec America, Inc


AEE04F18 Product details

Total Power: 15 Watts

Input Voltages: 12V, 24V or 48V

No. of Outputs: Single, Dual



Special Features

• Encapsulated

• 4:1 input range

• 1" X 2” package

• 1500Vdc I/O isolation

• Single and Dual output



 




Similar Part No. - AEE04F18

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04F18-L ASTEC-AEE04F18-L Datasheet
169Kb / 2P
AEE Series
logo
Emerson Network Power
AEE04F18-L EMERSON-NETWORKPOWER-AEE04F18-L Datasheet
169Kb / 2P
AEE 15W Series
logo
Astec America, Inc
AEE04F18-L ASTEC-AEE04F18-L Datasheet
175Kb / 2P
Encapsulated
logo
Artesyn Technologies
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
1500 Vdc I/O isolation
More results


Similar Description - AEE04F18

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
10/15 Watts
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
15/20 Watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
15 Watts JTH Series
logo
TT Electronics.
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
3 watts to 15 watts
PLO TTELEC-PLO Datasheet
374Kb / 2P
3 watts to 15 watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com