Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEH10F48 Datasheet (PDF) - Astec America, Inc

AEH10F48 Datasheet PDF - Astec America, Inc
Part # AEH10F48
Download  AEH10F48 Download
File Size   462.15 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 50-150 Watts

AEH10F48 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEH10F48 Datasheet PDF - Astec America, Inc

Part # AEH10F48
Download  AEH10F48 Click to download

File Size   462.15 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 50-150 Watts

AEH10F48 Datasheet (HTML) - Astec America, Inc


AEH10F48 Product details

Total Power: 50-150 Watts Input Voltages: 24V,48V No. of Outputs: Single

Special Features
• Industry standard pin-out & performance 100°C baseplate temperature (no derating)
• Positive and negative enable function
• Low output ripple and noise
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching (330 kHz)




Similar Part No. - AEH10F48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH10F48 EMERSON-NETWORKPOWER-AEH10F48 Datasheet
462Kb / 2P
Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Astec America, Inc
AEH10F48 ASTEC-AEH10F48 Datasheet
464Kb / 2P
Remote sense compensation
More results


Similar Description - AEH10F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
150 Watts
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
50-150 Watts
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
150 Watts
logo
Anaren Microwave
G150N50W4A ANAREN-G150N50W4A Datasheet
316Kb / 2P
Flange Mount Termination 150 Watts, 50廓
logo
XP Power Limited
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
50150 Watts DLG Series
logo
Anaren Microwave
C150N50Z4 ANAREN-C150N50Z4 Datasheet
182Kb / 3P
Surface Mount Termination 150 Watts, 50廓
logo
XP Power Limited
DLA XPPOWER-DLA Datasheet
290Kb / 4P
50-150 Watts
logo
Anaren Microwave
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
150 Watts
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
150 Watts
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
150 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com