Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS131M02 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS131M02 Datasheet PDF - Texas Instruments
Part # ADS131M02
Download  ADS131M02 Download
File Size   2324.33 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS131M02-Q1 Automotive, 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC

ADS131M02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS131M02 Datasheet PDF - Texas Instruments

Part # ADS131M02
Download  ADS131M02 Click to download

File Size   2324.33 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADS131M02-Q1 Automotive, 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC

ADS131M02 Datasheet (HTML) - Texas Instruments


ADS131M02 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 2 simultaneously sampling differential inputs
• Programmable data rate up to 64 kSPS
• Programmable gain up to 128
• Noise performance:
– 102-dB dynamic range at gain = 1, 4 kSPS
– 80-dB dynamic range at gain = 64, 4 kSPS
• Total harmonic distortion: –100 dB
• High-impedance inputs for direct sensor
connection:
– 330-kΩ input impedance for gains of
1, 2, and 4
– ≥1-MΩ input impedance for gains of
8, 16, 32, 64, and 128
• Programmable channel-to-channel phase delay
calibration:
– Resolution = 244 ns, fCLKIN = 8.192 MHz
• Fast start-up: First data within 0.5 ms of supply
ramp
• Integrated negative charge pump allows input
signals below ground
• Crosstalk between channels: –120 dB
• Low-drift internal voltage reference
• Cyclic redundancy check (CRC) on
communications and register map
• Analog and digital supplies: 2.7 V to 3.6 V
• Low-power consumption: 2.3 mW at 3-V AVDD
and DVDD
• Package: 20-pin TSSOP

2 Applications
• Automotive battery management systems (BMS):
– Current-shunt measurements
– Voltage measurements using external resistor
dividers
– Temperature measurements using thermistors
or analog output temperature sensors
• EV charging stations:
– DC e-metering
– AC e-metering
• Energy storage systems (ESS)

3 Description
The ADS131M02-Q1 is a two-channel, simultaneously
sampling, 24-bit, delta-sigma (ΔΣ), analog-to-digital
converter (ADC) that offers wide dynamic range
and low power, making the device designed for
automotive battery management systems (BMS).
The ADC inputs can be directly interfaced to
shunt resistors for bidirectional battery-current
measurements, to resistor-divider networks for highvoltage
measurements, or to temperature sensors
(such as thermistors or analog output temperature
sensors).
The individual ADC channels can be independently
configured depending on the sensor input. A lownoise,
programmable gain amplifier (PGA) provides
gains ranging from 1 to 128 to amplify low-level
signals. Additionally, this device integrates channelto-
channel phase calibration and offset and gain
calibration registers to help remove signal-chain
errors.
A low-drift, 1.2-V reference is integrated into the
device, reducing printed circuit board (PCB) area.
Optional cyclic redundancy checks (CRCs) on the
data input, data output, and register map maintain
communication integrity.
The complete analog front-end (AFE) is offered in
a 20-pin TSSOP package and is specified over the
automotive temperature range of –40°C to +125°C.




Similar Part No. - ADS131M02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131M02 TI-ADS131M02 Datasheet
2Mb / 84P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02 TI-ADS131M02 Datasheet
3Mb / 92P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02IPWR TI-ADS131M02IPWR Datasheet
3Mb / 92P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02IPWT TI-ADS131M02IPWT Datasheet
3Mb / 92P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02IRUKR TI-ADS131M02IRUKR Datasheet
2Mb / 84P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
More results


Similar Description - ADS131M02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131M02 TI-ADS131M02_V01 Datasheet
3Mb / 92P
ADS131M02 2-Channel, Simultaneously-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS130B02-Q1 TI-ADS130B02-Q1 Datasheet
2Mb / 61P
ADS130B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 16-Bit, Delta-Sigma ADC
NOVEMBER 2021
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131M04-Q1 TI-ADS131M04-Q1 Datasheet
2Mb / 91P
ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS131M04-Q1 TI-ADS131M04-Q1_V01 Datasheet
2Mb / 93P
ADS131M04-Q1 Automotive, 4-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
REVISED AUGUST 2022
ADS131M06-Q1 TI-ADS131M06-Q1 Datasheet
2Mb / 93P
ADS131M06-Q1 Automotive, 6-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
ADS131M08-Q1 TI-ADS131M08-Q1 Datasheet
2Mb / 101P
ADS131M08-Q1 Automotive, 8-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
ADS131M03-Q1 TI-ADS131M03-Q1 Datasheet
2Mb / 88P
ADS131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com