Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6236 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TMUX6236 Datasheet PDF - Texas Instruments
Part # TMUX6236
Download  TMUX6236 Download
File Size   2111.43 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic

TMUX6236 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6236 Datasheet PDF - Texas Instruments

Part # TMUX6236
Download  TMUX6236 Click to download

File Size   2111.43 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic

TMUX6236 Datasheet (HTML) - Texas Instruments


TMUX6236 Product details

1 Features
• Dual supply range: ±4.5 V to ±18 V
• Single supply range: 4.5 V to 36 V
• Low on-resistance: 2 Ω
• High current support: 330 mA (maximum) (WQFN)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation

2 Applications
• Factory automation and industrial controls
• Programmable logic controllers (PLC)
• Analog input modules
• ATE test equipment
• Battery monitoring systems
• Ultrasound scanners
• Patient monitoring and diagnostics
• Optical networking
• Optical test equipment
• Remote radio units
• Wired networking
• Data acquisition systems

3 Description
The TMUX6236 is a complementary metal-oxide
semiconductor (CMOS) switch with two 2:1 switches.
The device works well with dual supplies (±4.5 V to
±18 V), a single supply (4.5 V to 36 V), or asymmetric
supplies (such as VDD = 12 V, VSS = –5 V). The
TMUX6236 supports bidirectional analog and digital
signals on the source (Sx) and drain (D) pins ranging
from VSS to VDD.
All logic control inputs support logic levels from
1.8 V to VDD, ensuring both TTL and CMOS
logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.




Similar Part No. - TMUX6236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
TMUX6236 TI1-TMUX6236 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
TMUX6236 TI1-TMUX6236 Datasheet
2Mb / 46P
TMUX6236 36V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8V Logic
FEBRUARY 2024
TMUX6236PWR TI1-TMUX6236PWR Datasheet
2Mb / 46P
TMUX6236 36V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8V Logic
FEBRUARY 2024
TMUX6236RUMR TI1-TMUX6236RUMR Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
More results


Similar Description - TMUX6236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6234 TI-TMUX6234 Datasheet
1Mb / 36P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021
TMUX6236 TI-TMUX6236 Datasheet
1Mb / 34P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch with 1.8 V Logic
APRIL 2022
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6234 TI1-TMUX6234_V01 Datasheet
1Mb / 42P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6236 TI1-TMUX6236_V02 Datasheet
2Mb / 46P
TMUX6236 36 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With 1.8 V Logic
DECEMBER 2023
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com