Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA182IDT Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA182IDT Datasheet PDF - Texas Instruments
Part # OPA182IDT
Download  OPA182IDT Download
File Size   3402.87 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps

OPA182IDT Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA182IDT Datasheet PDF - Texas Instruments

Part # OPA182IDT
Download  OPA182IDT Click to download

File Size   3402.87 Kbytes
Page   47 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps

OPA182IDT Datasheet (HTML) - Texas Instruments


OPA182IDT Product details

1 Features
• Ultra-high precision:
– Zero-drift: 0.003 μV/°C
– Ultra-low offset voltage: 4 μV (maximum)
• Excellent dc precision:
– CMRR: 168 dB
– Open-loop gain: 170 dB
• Low noise:
– en at 1 kHz: 5.7 nV/√Hz
– 0.1-Hz to 10-Hz noise: 0.12 μVPP
• Excellent dynamic performance:
– Gain bandwidth: 5 MHz
– Slew rate: 10 V/μs
– Fast settling: 10-V step, 0.01% in 1.7 μs
• Robust design:
– MUX-friendly inputs
– RFI and EMI filtered inputs
• Wide supply: ±2.25 V to ±18 V, 4.5 V to 36 V
• Quiescent current: 0.85 mA
• Rail-to-rail output
• Input includes negative rail

2 Applications
• Battery test
• DC power supply, ac source, electronic load
• Data acquisition (DAQ)
• Semiconductor test
• Weigh scale
• Analog input module
• Flow transmitter

3 Description
The OPA182, OPA2182, and OPA4182 (OPAx182)
are ultra-low noise, fast-settling, zero-drift, highprecision
operational amplifiers, These devices
provide rail-to-rail output operation and feature a
unique MUX-friendly architecture and controlled startup
system. These devices also feature excellent ac
performance combined with only 0.45 μV of offset
voltage and 0.003 μV/°C of drift over temperature. All
these features make the OPAx182 a great choice for
data acquisition, battery test, analog input modules,
weigh scales, and any other systems requiring high dc
precision and low noise.
The MUX-friendly input architecture prevents inrush
current when applying large input differential voltages
and improves settling performance in multichannel
systems. Moreover, the controlled start-up system
rejects any inrush current when ramping up the supply
rails, all while providing robust ESD protection during
shipment, handling, and assembly.
The device is specified from –40°C to +125°C.




Similar Part No. - OPA182IDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA182IDT TI-OPA182IDT Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
More results


Similar Description - OPA182IDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA189 TI1-OPA189 Datasheet
699Kb / 34P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_17 Datasheet
765Kb / 36P
Precision, 36-V, 14-MHz, MUX-Friendly Low-Noise, Rail-to-Rail Output, Zero-Drift Operational Amplifiers
OPA189 TI1-OPA189_18 Datasheet
2Mb / 44P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_19 Datasheet
3Mb / 48P
Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA189 TI1-OPA189_V01 Datasheet
3Mb / 48P
OPAx189 Precision, Lowest-Noise 36-V, Zero-Drift, 14-MHz MUX-Friendly, Rail-to-Rail Output, Operational Amplifiers
OPA2182 TI1-OPA2182 Datasheet
721Kb / 22P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V01 Datasheet
2Mb / 37P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA2182 TI1-OPA2182_V02 Datasheet
3Mb / 38P
OPA2182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amp
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com