Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEV01BB24 Datasheet (PDF) - Astec America, Inc

AEV01BB24 Datasheet PDF - Astec America, Inc
Part # AEV01BB24
Download  AEV01BB24 Download
File Size   434.09 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 25 Watts

AEV01BB24 Datasheet (PDF)

Go To PDF Page Download Datasheet
AEV01BB24 Datasheet PDF - Astec America, Inc

Part # AEV01BB24
Download  AEV01BB24 Click to download

File Size   434.09 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 25 Watts

AEV01BB24 Datasheet (HTML) - Astec America, Inc


AEV01BB24 Product details

Total Power:  25 Watts

Input Voltages:  24V or 48V

No. of Outputs:  Single, Dual



Special Features

• Ideal for telecom/networking applications

• Standard Pinout - Low Profile

• Unencapsulated 2.0” x 2.5” x 0.33” package.

• 90°C Baseplate temperature

• Enable (on/off)

• 330kHz Switching frequency

• Under voltage lockout, OVP, OCP




Similar Part No. - AEV01BB24

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEV01BB24 EMERSON-NETWORKPOWER-AEV01BB24 Datasheet
434Kb / 2P
Standard Pinout - Low Profile
logo
Astec America, Inc
AEV01BB24 ASTEC-AEV01BB24 Datasheet
1Mb / 2P
Standard Pinout - Low Profile
logo
Artesyn Technologies
AEV01BB24 ARTESYN-AEV01BB24 Datasheet
436Kb / 2P
25 Watts DC/DC CONVERTER, 25W 5V RoHS : Not Compliant
More results


Similar Description - AEV01BB24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
Bothhand USA, LP.
SP9919 BOTHHAND-SP9919 Datasheet
48Kb / 1P
25 Watts Switching Power Supply
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
2560 Watts ECS Series
logo
Vicor Corporation
VE-J0B-MY VICOR-VE-J0B-MY Datasheet
297Kb / 6P
25 to 100 Watts
logo
XP Power Limited
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
logo
Artesyn Technologies
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com