Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS6594-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS6594-Q1 Datasheet PDF - Texas Instruments
Part # TPS6594-Q1
Download  TPS6594-Q1 Download
File Size   9832.61 Kbytes
Page   396 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications

TPS6594-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS6594-Q1 Datasheet PDF - Texas Instruments

Part # TPS6594-Q1
Download  TPS6594-Q1 Click to download

File Size   9832.61 Kbytes
Page   396 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications

TPS6594-Q1 Datasheet (HTML) - Texas Instruments


TPS6594-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device operates from 3 V to 5.5 V input supply
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM classification level 2
– Device CDM classification level C4A
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL-D
– Documentation available to aid IEC 61508
system design up to SIL-3
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Input supply voltage monitor and over-voltage
protection
– Under/overvoltage monitors and over-current
monitors on all output supply rails
– Watchdog with selectable trigger / Q&A mode
– Two error signal monitors (ESMs) with
selectable level / PWM mode
– Thermal monitoring with high temperature
warning and thermal shutdown
– Bit-integrity (CRC) error detection on internal
configuration registers and non-volatile memory
(NVM)
• Low-power consumption
– 2 μA typical shutdown current
– 7 μA typical in back up supply only mode
– 20 μA typical in low power standby mode
• Five step-down switched-mode power supply
(BUCK) regulators:
– 0.3 V to 3.34 V output voltage range in 5, 10, or
20-mV steps
– One with 4 A, three with 3.5 A, and one with 2
A output current capability
– Flexible multi-phase capability for four BUCKs:
up to 14 A output current from a single rail
– Short-circuit and over-current protection
– Internal soft-start for in-rush current limitation
– 2.2 MHz / 4.4 MHz switching frequency
– Ability to synchronize to external clock input
• Three low-dropout (LDO) linear regulators with
configurable bypass mode
– 0.6 V to 3.3 V output voltage range with 50-mV
steps in linear regulation mode
– 1.7 V to 3.3 V output voltage range in bypass
mode
– 500 mA output current capability with shortcircuit
and over-current protection
• One low-dropout (LDO) linear regulator with lownoise
performance
– 1.2 V to 3.3 V output voltage range in 25-mV
steps
– 300 mA output current capability with shortcircuit
and over-current protection
• Configurable power sequence control in nonvolatile
memory (NVM):
– Configurable power-up and power-down
sequences between power states
– Digital output signals can be included in the
power sequences
– Digital input signals can be used to trigger
power sequence transitions
– Configurable handling of safety-relevant errors
• 32-kHz crystal oscillator with option to output a
buffered 32-kHz clock output
• Real-time clock (RTC) with alarm and periodic
wake-up mechanism
• One SPI or two I2C control interfaces, with
second I2C interface dedicated for Q&A watchdog
communication
• Package option:
– 8-mm × 8-mm 56-pin VQFNP with 0.5-mm pitch

2 Applications
• Automotive infotainment and digital cluster,
navigation systems, telematics, body electronics
and lighting
• Advanced driver assistance system (ADAS)
• Industrial control and automation

3 Description
The TPS6594-Q1 device provides four flexible multiphase
configurable BUCK regulators with 3.5 A output
current per phase, and one additional BUCK regulator
with 2 A output current.




Similar Part No. - TPS6594-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1 Datasheet
9Mb / 383P
TPS6594-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Safety-Relevant Automotive Applications
TPS6594-Q1 TI-TPS6594-Q1 Datasheet
9Mb / 383P
TPS6594-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Safety-Relevant Automotive Applications
APRIL 2021
TPS6594-Q1 TI-TPS6594-Q1 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
More results


Similar Description - TPS6594-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V02 Datasheet
9Mb / 383P
TPS6594-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Safety-Relevant Automotive Applications
TPS6594-Q1 TI-TPS6594-Q1_V03 Datasheet
9Mb / 383P
TPS6594-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Safety-Relevant Automotive Applications
APRIL 2021
TPS6594-Q1 TI-TPS6594-Q1_V04 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
TPS6594-Q1 TI-TPS6594-Q1_V06 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
TPS6594-Q1 TI-TPS6594-Q1_V07 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
TPS6594-Q1 TI1-TPS6594-Q1_V08 Datasheet
9Mb / 396P
TPS6594-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED FEBRUARY 2022
TPS6593-Q1 TI-TPS6593-Q1_V01 Datasheet
8Mb / 391P
TPS6593-Q1 Power Management IC (PMIC) with 5 BUCKs and 4 LDOs for Safety- Relevant Automotive Applications
REVISED SEPTEMBER 2023
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com