Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS820 Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

SS820 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # SS820
Download  SS820 Download
File Size   920.99 Kbytes
Page   3 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description Surface Mount Schottky Rectifier

SS820 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS820 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # SS820
Download  SS820 Click to download

File Size   920.99 Kbytes
Page   3 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description Surface Mount Schottky Rectifier

SS820 Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


SS820 Product details

Features
● Guardring for overvoltage protection
● Low power loss
● Extremely fast switching
● High forward surge capability
● High frequency operation
● Solder dip 260 °C max. 10 s, per JESD 22-B106




Similar Part No. - SS820

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS820 YFWDIODE-SS820 Datasheet
459Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
RFE international
SS820 RFE-SS820 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
logo
Shanghai Shunye Electro...
SS820 SHUNYE-SS820 Datasheet
533Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Zibo Seno Electronic En...
SS8200 ZSELEC-SS8200 Datasheet
123Kb / 2P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SS820B SHUNYE-SS820B Datasheet
606Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results


Similar Description - SS820

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com