Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM2LE080FJ-CE2 Datasheet (PDF) - Rohm

BM2LE080FJ-CE2 Datasheet PDF - Rohm
Part # BM2LE080FJ-CE2
Download  BM2LE080FJ-CE2 Download
File Size   2135.05 Kbytes
Page   28 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Automotive IPD 2ch Low Side Switch with Output Diagnostic Function

BM2LE080FJ-CE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BM2LE080FJ-CE2 Datasheet PDF - Rohm

Part # BM2LE080FJ-CE2
Download  BM2LE080FJ-CE2 Click to download

File Size   2135.05 Kbytes
Page   28 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Automotive IPD 2ch Low Side Switch with Output Diagnostic Function

BM2LE080FJ-CE2 Datasheet (HTML) - Rohm


BM2LE080FJ-CE2 Product details

Features
■ Built-in Dual TSD*1
■ AEC-Q100 Qualified*2
■ Built-in Over Current Protection Function(OCP)
■ Built-in Active Clamp Function
■ Direct Control Enabled from CMOS Logic IC, etc.
■ On Resistance RDS(ON) = 80 mΩ (Typ)
(VIN = 5 V, IOUT = 1.5 A, Tj = 25 °C)
■ Monolithic Power Management IC with the
Control Block (CMOS) and Power MOS FET
Mounted on a Single Chip
*1 This IC has thermal shutdown (Junction temperature detect)
and ΔTj Protection (Power-MOS steep temperature rising
detect).
*2 Grade1

General Description
BM2LE080FJ-C is 2ch low side switch IC for 12 V
automotive applications. It has built-in OCP, Dual
TSD and Active Clamp function. It is equipped with
output diagnostic function for TSD.

Application
■ Driving Resistive, Inductive and Capacitive Load




Similar Part No. - BM2LE080FJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2LE040FJ-C ROHM-BM2LE040FJ-C Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BM2LE040FJ-CE2 ROHM-BM2LE040FJ-CE2 Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
More results


Similar Description - BM2LE080FJ-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2LE040FJ-C ROHM-BM2LE040FJ-C Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BM2LE160FJ-C ROHM-BM2LE160FJ-C Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BM2LE250FJ-C ROHM-BM2LE250FJ-C Datasheet
1Mb / 28P
Automotive IPD 2ch Low Side Switch with Output Diagnostic Function
16.Mar.2022 Rev.001
BV1LE040EFJ-C ROHM-BV1LE040EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LE080EFJ-C ROHM-BV1LE080EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LE160EFJ-C ROHM-BV1LE160EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LE250EFJ-C ROHM-BV1LE250EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
08.Feb.2022 Rev.001
BV1LD040EFJ-C ROHM-BV1LD040EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
BV1LD080EFJ-C ROHM-BV1LD080EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
BV1LD160EFJ-C ROHM-BV1LD160EFJ-C Datasheet
2Mb / 28P
Automotive IPD 1ch Low Side Switch with Output Diagnostic Function
20.Feb.2023 Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com