Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARK-1250L Datasheet (PDF) - Advantech Co., Ltd.

ARK-1250L Datasheet PDF - Advantech Co., Ltd.
Part # ARK-1250L
Download  ARK-1250L Download
File Size   1397.39 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel® 11th gen Core™ i processor with Triple LAN/ Quadruple COM Din-Rail Fanless Box PC

ARK-1250L Datasheet (PDF)

Go To PDF Page Download Datasheet
ARK-1250L Datasheet PDF - Advantech Co., Ltd.

Part # ARK-1250L
Download  ARK-1250L Click to download

File Size   1397.39 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Intel® 11th gen Core™ i processor with Triple LAN/ Quadruple COM Din-Rail Fanless Box PC

ARK-1250L Datasheet (HTML) - Advantech Co., Ltd.


ARK-1250L Product details

Features
ƒ Intel 11th gen. Core i5/i3
ƒ DIN-Rail system with essential I/O ports on front-side bezel
ƒ 3 x Intel GbE, 4x RS-232/422/485, 8-bit DIO, optional CANBus
ƒ 3 Expansions: M.2 E-Key 2230, M.2 B-Key 2280, 1 x Full-size mSATA share
with mPCIe slot
ƒ Dual independent displays with one 4K HDMI and one VGA
ƒ 3 x USB 3.2 and 3 x USB 2.0
ƒ mSATA and 1 x 2.5" SATA storage device
ƒ 12V ~ 24V wide range power input
ƒ -40 ~ 60 °C extended operating temperature
ƒ Advantech iEdge support
ƒ Qualified for Edge AI SRP of WISE-DeviceOn




Similar Part No. - ARK-1250L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1220F ADVANTECH-ARK-1220F Datasheet
923Kb / 2P
Intel Atom E3940 QC SoC with isolated GbE and COM ports DIN-Rail Fanless Box PC
15-Nov-2021
ARK-1220F-S6A1 ADVANTECH-ARK-1220F-S6A1 Datasheet
923Kb / 2P
Intel Atom E3940 QC SoC with isolated GbE and COM ports DIN-Rail Fanless Box PC
15-Nov-2021
ARK-1220L ADVANTECH-ARK-1220L Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-1220L-A2 ADVANTECH-ARK-1220L-A2 Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-1220L-S6A2 ADVANTECH-ARK-1220L-S6A2 Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
More results


Similar Description - ARK-1250L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3532B ADVANTECH-ARK-3532B Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532C ADVANTECH-ARK-3532C Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
TS-207 ADVANTECH-TS-207 Datasheet
879Kb / 2P
In-Vehicle Fanless Box PC w/ IP65 & PoE LAN Powered by 11th Gen. Intel® Core™ Processors
2-Sep-2022
UNO-148 ADVANTECH-UNO-148 Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
MIC-7420 ADVANTECH-MIC-7420 Datasheet
618Kb / 2P
Rackmount Fanless System with Intel® 6th Gen Core™ i Processor
1-Jun-2021
logo
AAEON Technology
BOXER-6643-TGU AAEON-BOXER-6643-TGU Datasheet
686Kb / 2P
Fanless Embedded Box PC 11th Generation Intel® Core™ SoC Processor
2022/10/06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com