Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

173D Datasheet (PDF) - Vishay Siliconix

173D Datasheet PDF - Vishay Siliconix
Part # 173D
Download  173D Download
File Size   123.53 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case

173D Datasheet (PDF)

Go To PDF Page Download Datasheet
173D Datasheet PDF - Vishay Siliconix

Part # 173D
Download  173D Click to download

File Size   123.53 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case

173D Datasheet (HTML) - Vishay Siliconix


173D Product details

FEATURES
• Axial through-hole terminations: tin / lead
(SnPb), 100 % tin (RoHS-compliant)
• Miniature axial-lead capacitors available in
5 sizes
• Precision molded in gold colored, flame
retardant, thermosetting epoxy resin
• Laser marked for improved legibility and
tapered end of case provides easy identification of
positive terminal
• Standard orders are lead taped and reeled; orders under
500 are taped only
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details

APPLICATIONS
Designed for high performance automotive, industrial and
commercial electronic equipment.
at +85 °C: leakage current shall not exceed 10 times the
values listed in the Standard Ratings table.
at +125 °C: leakage shall not exceed 15 times the values
listed in the Standard Ratings table.
Life Test: capacitors shall withstand rated DC voltage
applied at +85 °C for 2000 h and for 1000 h applied
at + 25 °C derated voltage.
Following the life test:
1. DCL shall not exceed 125 % of the initial requirements.
2. Dissipation factor shall meet the initial requirement.
3. Change in capacitance shall not exceed ± 10 %.




Similar Part No. - 173D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
173D104X0035U VISHAY-173D104X0035U Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
173D104X0050U VISHAY-173D104X0050U Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
173D104X9035U VISHAY-173D104X9035U Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
173D104X9050U VISHAY-173D104X9050U Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
More results


Similar Description - 173D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
16-Jan-08
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors
29-Nov-12
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
152D VISHAY-152D Datasheet
153Kb / 11P
Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
17-Aug-2020
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com