Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431B Datasheet (PDF) - ON Semiconductor

TL431B Datasheet PDF - ON Semiconductor
Part # TL431B
Download  TL431B Download
File Size   471.08 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

TL431B Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431B Datasheet PDF - ON Semiconductor

Part # TL431B
Download  TL431B Click to download

File Size   471.08 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Precision References

TL431B Datasheet (HTML) - ON Semiconductor


TL431B Product details

The TL431A, B integrated circuits are three−terminal
programmable shunt regulator diodes. These monolithic IC voltage
references operate as a low temperature coefficient zener which is
programmable from Vref to 36 V with two external resistors. These
devices exhibit a wide operating current range of 1.0 mA to 100 mA
with a typical dynamic impedance of 0.22 . The characteristics of
these references make them excellent replacements for zener diodes in
many applications such as digital voltmeters, power supplies, and op
amp circuitry. The 2.5 V reference makes it convenient to obtain
a stable reference from 5.0 V logic supplies, and since the TL431A,
B operates as a shunt regulator, it can be used as either a positive or
negative voltage reference.

Features
• Programmable Output Voltage to 36 V
• Voltage Reference Tolerance: ±0.4%, Typ @ 25°C (TL431B)
• Low Dynamic Output Impedance, 0.22  Typical
• Sink Current Capability of 1.0 mA to 100 mA
• Equivalent Full−Range Temperature Coefficient of 50 ppm/°C Typical
• Temperature Compensated for Operation over Full Rated Operating
Temperature Range
• Low Output Noise Voltage
• NCV/SCV Prefixes for Automotive and Other Applications
Requiring Unique Site and Control Change Requirements;
AEC−Q100 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - TL431B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431B TI-TL431B Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431B TI-TL431B Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431B TI-TL431B Datasheet
1Mb / 56P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL431B TI-TL431B Datasheet
1Mb / 67P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL431B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
Programmable Precision References
November, 2006 ??Rev. 25
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
Programmable Precision References
logo
ON Semiconductor
NCP431AISNT1G ONSEMI-NCP431AISNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
Programmable Precision References
April, 2012 ??Rev. 34
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
Programmable Precision References
January, 2019 ??Rev. 40
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com