Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2164 Datasheet (PDF) - Alpha Wire

2164 Datasheet PDF - Alpha Wire
Part # 2164
Download  2164 Download
File Size   96.22 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2164 Datasheet (PDF)

Go To PDF Page Download Datasheet
2164 Datasheet PDF - Alpha Wire

Part # 2164
Download  2164 Click to download

File Size   96.22 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2164 Datasheet (HTML) - Alpha Wire


2164 Product details

Construction
1) Conductor
a) Material Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding Solid
c) Diameter 0.005"
2) Braid Data
a) Nominal ID 7/64" (.109)
b) AWG of Ends 36
c) Number of Carriers 24
d) Nominal Percent Coverage 90
e) Total Number of Ends 96
f) Approx. Equiv. AWG 16
g) Approx. Ampacity 19Amps
h) Federal Spec Number AA59569R36T0109

Applicable Specifications
1) DSCC CID A-A-59569A




Similar Part No. - 2164

ManufacturerPart #DatasheetDescription
logo
Heyco.
2164 HEYCO-2164 Datasheet
106Kb / 1P
Snap Bushings
logo
Littelfuse
216400 LITTELFUSE-216400 Datasheet
181Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Molex Electronics Ltd.
2164001021 MOLEX-2164001021 Datasheet
137Kb / 1P
MEGAFIT SR R-R 2 CKT 600 MM CABLE ASSY
2020/08/17
2164001022 MOLEX-2164001022 Datasheet
137Kb / 1P
MEGAFIT SR R-R 2 CKT 600 MM CABLE ASSY
2020/08/17
2164001023 MOLEX-2164001023 Datasheet
137Kb / 1P
MEGAFIT SR R-R 2 CKT 600 MM CABLE ASSY
2020/08/17
More results


Similar Description - 2164

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com