Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31050 Datasheet (PDF) - Renesas Technology Corp

ZSC31050 Datasheet PDF - Renesas Technology Corp
Part # ZSC31050
Download  ZSC31050 Download
File Size   821.08 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Differential Sensor Signal Conditioner

ZSC31050 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSC31050 Datasheet PDF - Renesas Technology Corp

Part # ZSC31050
Download  ZSC31050 Click to download

File Size   821.08 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Advanced Differential Sensor Signal Conditioner

ZSC31050 Datasheet (HTML) - Renesas Technology Corp


ZSC31050 Product details

Features
Digital compensation of sensor offset, sensitivity, temperature
drift, and nonlinearity
Accommodates nearly all resistive bridge sensor types (signal
spans from 1mV/V up to 275mV/V)
Digital one-pass calibration: quick and precise
Selectable compensation temperature source: bridge,
thermistor, or internal or external diode
Output options: voltage (0 to 5V), current (4 to 20mA), PWM,
I2C, SPI, ZACwire™ (one-wire interface), alarm
Adjustable output resolution (up to 15 bits) versus sampling
rate (up to 3.9kHz)
Current consumption: 2.5mA (typical)
Selectable bridge excitation: ratiometric voltage, constant
voltage, or constant current
Input channel for separate temperature sensor
Sensor connection and common mode check (sensor aging
detection)
AEC-Q100 qualification (temperature grade 0)

Physical Characteristics
 Operation temperature -40°C to +125°C (-40°C to +150°C
de-rated, depending on product version)
 Supply voltage: 2.7V to 5.5V;
with external JFET: 5V to 48 V
 Available in 16-SSOP package or as die




Similar Part No. - ZSC31050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
Advanced Differential Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
Advanced Differential Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31050FAB IDT-ZSC31050FAB Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
ZSC31050FAC IDT-ZSC31050FAC Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
More results


Similar Description - ZSC31050

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
Advanced Differential Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
Advanced Differential Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
Advanced Differential Sensor Signal Conditioner
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com