Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC18 Datasheet (PDF) - Astec America, Inc

APC18 Datasheet PDF - Astec America, Inc
Part # APC18
Download  APC18 Download
File Size   749.45 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 60 Watts

APC18 Datasheet (PDF)

Go To PDF Page Download Datasheet
APC18 Datasheet PDF - Astec America, Inc

Part # APC18
Download  APC18 Click to download

File Size   749.45 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 60 Watts

APC18 Datasheet (HTML) - Astec America, Inc


APC18 Product details

Special Features
• Point of load (POL) applications
• High Current slew rate at 2.5A/us1
• Open frame SMT
• High efficiency, 3.3V @ 95% (Typ)
• Adjustable Output through external resistor programming
• -40°C to +85°C Ambient operating temperature
• UVLO protection
• Positive Enable function
• Low output ripple and noise
• Regulation to zero load




Similar Part No. - APC18

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
logo
Allied Components Inter...
APC1811-4036 ALLIED-APC1811-4036 Datasheet
416Kb / 1P
1811 Through Hole Port Core Design
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
3.0-5.5Vin / 18A Non-Isolated Point-of-Load
logo
Emerson Network Power
APC18T04-9 EMERSON-NETWORKPOWER-APC18T04-9 Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
APC18T04-9J EMERSON-NETWORKPOWER-APC18T04-9J Datasheet
749Kb / 2P
High efficiency, 3.3V @ 95% (Typ)
More results


Similar Description - APC18

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
60 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
60 Watts
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
60 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com