Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA00B18-L Datasheet (PDF) - Astec America, Inc

ASA00B18-L Datasheet PDF - Astec America, Inc
Part # ASA00B18-L
Download  ASA00B18-L Download
File Size   127.94 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 6 Watts

ASA00B18-L Datasheet (PDF)

Go To PDF Page Download Datasheet
ASA00B18-L Datasheet PDF - Astec America, Inc

Part # ASA00B18-L
Download  ASA00B18-L Click to download

File Size   127.94 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 6 Watts

ASA00B18-L Datasheet (HTML) - Astec America, Inc


ASA00B18-L Product details

Special Features

• Encapsulated

• Wide 4:1 input range

• 1.25" X 0.8” DIP package

• 1500Vdc I/O isolation

• Single and Dual output




Similar Part No. - ASA00B18-L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ASA00B18-L EMERSON-NETWORKPOWER-ASA00B18-L Datasheet
128Kb / 2P
ASA 6W Series
logo
Artesyn Technologies
ASA00B18-LS ARTESYN-ASA00B18-LS Datasheet
701Kb / 3P
POWER 6 Watts
ASA00B18-LS ARTESYN-ASA00B18-LS Datasheet
701Kb / 3P
Encapsulated
More results


Similar Description - ASA00B18-L

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEN06-05S33 P-DUKE-TEN06-05S33 Datasheet
306Kb / 3P
6 WATTS MAXIMUM OUTPUT POWER
logo
Bothhand USA, LP.
SA023V3 BOTHHAND-SA023V3 Datasheet
53Kb / 2P
6~15 Watts Switching Adapter
SA06L3V3 BOTHHAND-SA06L3V3 Datasheet
46Kb / 2P
6~15 Watts Switching Adapter
logo
RSG Electronic Componen...
TEN06 RSG-TEN06 Datasheet
181Kb / 3P
6 WATTS DC-DC CONVERTER
logo
SUNMATE electronic Co.,...
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
6 Watts Axial Leaded Zener Diodes
logo
Artesyn Technologies
ASA01F18-LS ARTESYN-ASA01F18-LS Datasheet
701Kb / 3P
POWER 6 Watts
ASA01A12-M ARTESYN-ASA01A12-M Datasheet
469Kb / 2P
Total Power: 6 Watts
logo
XP Power Limited
JCA04 XPPOWER-JCA04 Datasheet
378Kb / 2P
4/6 Watts JCA Series
JCE06 XPPOWER-JCE06 Datasheet
139Kb / 2P
6 Watts JCE Series
JTC04 XPPOWER-JTC04 Datasheet
261Kb / 2P
4/6 Watts JTC Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com