Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD40 Datasheet (PDF) - TDK Electronics

PXD40 Datasheet PDF - TDK Electronics
Part # PXD40
Download  PXD40 Download
File Size   1710.3 Kbytes
Page   7 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 40W Single and Dual Output DC-DC converters

PXD40 Datasheet (PDF)

Go To PDF Page Download Datasheet
PXD40 Datasheet PDF - TDK Electronics

Part # PXD40
Download  PXD40 Click to download

File Size   1710.3 Kbytes
Page   7 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description 40W Single and Dual Output DC-DC converters

PXD40 Datasheet (HTML) - TDK Electronics


PXD40 Product details

Features
• Wide 4:1 Input Range
• Compact 2” x 1” Industry Package
• Certified to IEC/UL/CSA/EN 62368-1
• Low No Load Power Consumption
• Six Sided Shielding




Similar Part No. - PXD40

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD TDK-PXD Datasheet
163Kb / 2P
10-20W Single and Dual Output DC-DC Converters
Revision B2: Apr 2015
PXD TDK-PXD Datasheet
784Kb / 4P
Single and Dual Output 10 to 20W DC-DC Converters
PXD-M TDK-PXD-M Datasheet
635Kb / 5P
30W Medical and Industrial DC-DC Converters
August 5th, 2020 v1.5
PXD-M30-24WD05 TDK-PXD-M30-24WD05 Datasheet
283Kb / 2P
DC-DC Converters
PXD-M30-24WD05 TDK-PXD-M30-24WD05 Datasheet
635Kb / 5P
30W Medical and Industrial DC-DC Converters
August 5th, 2020 v1.5
More results


Similar Description - PXD40

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
C4000ERW MPD-C4000ERW Datasheet
250Kb / 2P
Compact, 2:1 Input 40W, Single Output DC/DC Converters
logo
TDK Electronics
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
Single and Dual Output 30W DC-DC Converters
logo
SL Power Electronics
DC1_DD SLPOWER-DC1_DD Datasheet
250Kb / 2P
1W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
TDK Electronics
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
DPX6024S12 TDK-DPX6024S12 Datasheet
543Kb / 2P
Single, Dual Triple Output 40W to 60W DIN Mount DC-DC Converters
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
Single and Dual Output 30W DC-DC Converters
PXD60 TDK-PXD60 Datasheet
2Mb / 7P
60W Single and Dual Output DC-DC converters
April 13th, 2022 V2
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com