Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA223181 Datasheet (PDF) - Renesas Technology Corp

RAA223181 Datasheet PDF - Renesas Technology Corp
Part # RAA223181
Download  RAA223181 Download
File Size   2354.28 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 900V Off-Line Flyback Regulator

RAA223181 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA223181 Datasheet PDF - Renesas Technology Corp

Part # RAA223181
Download  RAA223181 Click to download

File Size   2354.28 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 900V Off-Line Flyback Regulator

RAA223181 Datasheet (HTML) - Renesas Technology Corp


RAA223181 Product details

Features
▪ Flyback regulator with 900V 10Ω MOSFET
▪ Single 400V input capacitor for input up to 450VAC
▪ Frequency doubling for heavy load operation (up to
12W), with programmable duration <100ms
▪ Valley switching to reduce switching losses
▪ Programmable constant frequency DCM operation
(recommended range 50kHz ~100kHz)
▪ Burst mode operation at light load
▪ Protection features: Short-Circuit Protection (SCP),
Overload Protection (OLP), Input Undervoltage
Lockout (VinUV), Input OVP, VCC Overvoltage
Protection (VccOV), VCC Undervoltage Lockout
(VccUV) and Over-Temperature Protection (OTP).
Applications
▪ Smart Meter
▪ Large appliances
▪ Industry control




Similar Part No. - RAA223181

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA223182 RENESAS-RAA223182 Datasheet
2Mb / 25P
1000V Off-line Flyback Regulator
Jul 6, 2023
RAA2231824GSP#HA0 RENESAS-RAA2231824GSP#HA0 Datasheet
2Mb / 25P
1000V Off-line Flyback Regulator
Jul 6, 2023
RAA223183 RENESAS-RAA223183 Datasheet
2Mb / 25P
1000V Off-line Flyback Regulator
Jul 6, 2023
RAA2231834GSP#HA0 RENESAS-RAA2231834GSP#HA0 Datasheet
2Mb / 25P
1000V Off-line Flyback Regulator
Jul 6, 2023
More results


Similar Description - RAA223181

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-W6753 ALLEGRO-STR-W6753 Datasheet
196Kb / 8P
Universal-Input/58 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6754 ALLEGRO-STR-W6754 Datasheet
195Kb / 8P
Universal-Input/100 W Off-Line Quasi-Resonant Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
AUK corp
SQ6601PT AUK-SQ6601PT Datasheet
421Kb / 8P
Off-Line Quasi-Resonance Flyback Switching Regulator
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
Sanken electric
STR-W6553A SANKEN-STR-W6553A Datasheet
39Kb / 1P
SMPS / STRW6553A Sanken Zip 7 Pin Off-Line Quasi-Resonant Flyback Switching Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com