Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3016 Datasheet (PDF) - Renesas Technology Corp

ZSSC3016 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3016
Download  ZSSC3016 Download
File Size   916.41 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power, High Resolution 16-Bit Sensor Signal Conditioner

ZSSC3016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3016 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3016
Download  ZSSC3016 Click to download

File Size   916.41 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power, High Resolution 16-Bit Sensor Signal Conditioner

ZSSC3016 Datasheet (HTML) - Renesas Technology Corp


ZSSC3016 Product details

Features
•Flexible, programmable analog front-end design;up to 16-bit scalable, charge-balancing, two-segment analog-to-digital converter (ADC)
•Fully programmable gain amplifier for optimizingsensor signals: gain range 14 to 72 (linear factor)
•Internal auto-compensated temperature sensor
•Digital compensation of individual sensor offset;1st and 2nd order digital compensation of sensorgain
•Digital compensation of 1st and 2nd order temper-ature gain and offset drift
•Intelligent power management unit
•Typical sensor elements can achieve accuracy ofbetter than ±0.10% FSO @ -40 to 85 °C




Similar Part No. - ZSSC3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016CC1B ETC2-ZSSC3016CC1B Datasheet
3Mb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3016CC1B IDT-ZSSC3016CC1B Datasheet
773Kb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016CI1B ETC2-ZSSC3016CI1B Datasheet
3Mb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
More results


Similar Description - ZSSC3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3036 IDT-ZSSC3036 Datasheet
768Kb / 48P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3026 IDT-ZSSC3026 Datasheet
710Kb / 51P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 IDT-ZSSC3016 Datasheet
773Kb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com