Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3240CC2B Datasheet (PDF) - Renesas Technology Corp

ZSSC3240CC2B Datasheet PDF - Renesas Technology Corp
Part # ZSSC3240CC2B
Download  ZSSC3240CC2B Download
File Size   1803.73 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner IC for Resistive Sensors

ZSSC3240CC2B Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3240CC2B Datasheet PDF - Renesas Technology Corp

Part # ZSSC3240CC2B
Download  ZSSC3240CC2B Click to download

File Size   1803.73 Kbytes
Page   64 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner IC for Resistive Sensors

ZSSC3240CC2B Datasheet (HTML) - Renesas Technology Corp


ZSSC3240CC2B Product details

Features
 Digital communication and calibration interfaces
o SPI up to 10MHz
o I2C (Standard, Fast, and High-Speed Mode)
o One-wire-interface (OWI), up to 100kBit/s
 Accommodates nearly all resistive bridge sensor
types (signal spans from 1mV/V up to 500mV/V)
 Supports different sensor element configurations:
o Resistive bridge or half-bridge
o Resistive divider string
o Voltage source
 On-chip temperature sensor
 External temperature sensing supported, e.g.
sensor-bridge as temperature detector, external
diode, etc.
 Support for Pt100
 Programmable 16-bit digital-to-analog-converter and
output:
o (0V to 1V) or (0V to 5V) absolute voltage output
o VDD-ratiometric voltage output
o 4mA to 20mA current-loop output supported
o 0V to 10V absolute-voltage output supported
 On-chip voltage regulators for sensor supply, and IC
operation
 Support for extra regulation by external transistor, for
example JFET
 Programmable 24-bit sensor-signal-conditioning
math core
 Reprogrammable, nonvolatile memory (NVM)
 Programmable measurement scheduler for
continuous sensing applications, with optimized
balance of
o Energy consumption
o Output update rate
o Sensor-signal-conditioning accuracy
o Self-diagnostic coverage and system safety
 On-chip diagnostics:
o Sensor connection
o Broken-chip-check / chipping-check
Memory integrity




Similar Part No. - ZSSC3240CC2B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3240CC2B RENESAS-ZSSC3240CC2B Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
More results


Similar Description - ZSSC3240CC2B

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
Capacitive Sensor Signal Conditioner IC
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
ZSSC3281 RENESAS-ZSSC3281 Datasheet
2Mb / 102P
Advanced Dual Channel ARM based Resistive Sensor Signal Conditioner IC
Jun.13.22
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com