Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4132 Datasheet (PDF) - Renesas Technology Corp

ZSSC4132 Datasheet PDF - Renesas Technology Corp
Part # ZSSC4132
Download  ZSSC4132 Download
File Size   291.4 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Resistive Sensor Signal Conditioner with LIN Interface

ZSSC4132 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC4132 Datasheet PDF - Renesas Technology Corp

Part # ZSSC4132
Download  ZSSC4132 Click to download

File Size   291.4 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Resistive Sensor Signal Conditioner with LIN Interface

ZSSC4132 Datasheet (HTML) - Renesas Technology Corp


ZSSC4132 Product details

Features
 Differential bridge sensor input and on-chip or
external temperature sensors, selectable for
conditioning of sensor input signal and/or
temperature output
 Digital compensation of offset, gain, and higher
order nonlinearity as well as temperature
coefficients of measured bridge sensor input
signal
 Operating temperature range -40°C to 150°C
 Accuracy ±0.5% FS at -40°C to 150°C
 NVM memory for configuration and calibration
data, and for configurable measurement and
conditioning functionality
 LIN interface based on LIN Specification Package
2.2A
 Supports output of one or more sensor signals
and product identification via a single LIN
interface connection
 Configurable for nearly all resistive bridge
sensors
 One-pass end-of-line calibration algorithm
minimizes production costs
 No external trimming or components required
 Supply voltage: 7V to 18V
 Protection up to ± 40V (with external diode at
VBAT)
 Input span: 1 to 900 mV/V
 Effective ADC resolution: 12 to 14 bit
 Output resolution: defined by user LIN frame
specification
up to signed 16-bit for raw data acquisition
 Package: 24-QFN (4  4 mm; wettable flanks)




Similar Part No. - ZSSC4132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132 Datasheet
389Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132CE4R RENESAS-ZSSC4132CE4R Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132CE4R RENESAS-ZSSC4132CE4R Datasheet
389Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132CE4W RENESAS-ZSSC4132CE4W Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
More results


Similar Description - ZSSC4132

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
Automotive Sensor Signal Conditioner with LIN Interface
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
ZSSC3170 IDT-ZSSC3170 Datasheet
653Kb / 30P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
Automotive Sensor Signal Conditioner with LIN and PWM Interface
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
Automotive Resistive Sensor Signal Conditioner with SENT Output
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
6/2019-Revision 0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com