Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EL30-R1000 Datasheet (PDF) - Broadcom Corporation.

HLMP-EL30-R1000 Datasheet PDF - Broadcom Corporation.
Part # HLMP-EL30-R1000
Download  HLMP-EL30-R1000 Download
File Size   736.56 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EL30-R1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-EL30-R1000 Datasheet PDF - Broadcom Corporation.

Part # HLMP-EL30-R1000
Download  HLMP-EL30-R1000 Click to download

File Size   736.56 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EL30-R1000 Datasheet (HTML) - Broadcom Corporation.


HLMP-EL30-R1000 Product details

Features
Well-defined spatial radiation patterns
Viewing angles: 8°, 15°, 23°, 30°
High luminous output
Colors:
– 590 nm amber
– 605 nm orange
– 615 nm reddish-orange
– 626 nm red
High operating temperature: TJLED = +130°C
Superior resistance to moisture
Package options:
– With or without lead stand-offs

Applications
Traffic management:
– Traffic signals
– Pedestrian signals
– Work zone warning lights
– Variable message signs
Commercial outdoor advertising:
– Signs
– Marquees
Automotive:
– Exterior and interior lights




Similar Part No. - HLMP-EL30-R1000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL30-K0000 AVAGO-HLMP-EL30-K0000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL30-MQ000 HP-HLMP-EL30-MQ000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL30-MQ000 AVAGO-HLMP-EL30-MQ000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL30-NR000 HP-HLMP-EL30-NR000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL30-PQ000 HP-HLMP-EL30-PQ000 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
More results


Similar Description - HLMP-EL30-R1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
Precision Optical Performance AlInGaP II LED Lamps
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com