Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200D Datasheet (PDF) - Vishay Siliconix

200D Datasheet PDF - Vishay Siliconix
Part # 200D
Download  200D Download
File Size   162.11 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies

200D Datasheet (PDF)

Go To PDF Page Download Datasheet
200D Datasheet PDF - Vishay Siliconix

Part # 200D
Download  200D Click to download

File Size   162.11 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies

200D Datasheet (HTML) - Vishay Siliconix


200D Product details

FEATURES
• Assembly of silver case capacitors
• 200D, case negative, 5 “A” case codes
• 202D
-Both terminations isolated from case, 12 case codes
-Similar to Tansitor RW & Mallory TL assemblies
-Designed to meet MIL-DTL-3965 and DSCC 04021
requirements

APPLICATIONS
• Military
• Industrial
Life Test: capacitors shall withstand 2000 h at a
temperature of +85 °C or +125 °C at the rated DC working
voltage.
Following the life test:
1. DCL shall not exceed the original requirement.
2. ESR shall not be more than 130 % of the initial
requirement.
3. Capacitance shall not change more than ± 25 %.




Similar Part No. - 200D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
200D VISHAY-200D Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
logo
Structured Cable Produc...
200D-2G-XX STRUCTURED-CABLE-200D-2G-XX Datasheet
659Kb / 1P
DOUBLE GANG - Decorator Style Face Plate
2015-09-16
200D-3G-XX STRUCTURED-CABLE-200D-3G-XX Datasheet
666Kb / 1P
TRIPLE GANG - Decorator Style Face Plate
2015-09-16
logo
List of Unclassifed Man...
200D-5 ETC1-200D-5 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
More results


Similar Description - 200D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
15-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
17-Oct-03
109D VISHAY-109D Datasheet
94Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
17-Mar-08
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
285D VISHAY-285D_07 Datasheet
77Kb / 4P
Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
07-Nov-07
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com