Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM80A Datasheet (PDF) - Astec America, Inc

BM80A Datasheet PDF - Astec America, Inc
Part # BM80A
Download  BM80A Download
File Size   627.96 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 300 Watts

BM80A Datasheet (PDF)

Go To PDF Page Download Datasheet
BM80A Datasheet PDF - Astec America, Inc

Part # BM80A
Download  BM80A Click to download

File Size   627.96 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 300 Watts

BM80A Datasheet (HTML) - Astec America, Inc




Similar Part No. - BM80A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM80-12 ETC1-BM80-12 Datasheet
139Kb / 3P
LAND MOBILE
logo
Shenzhen Bencent Electr...
BM801M BENCENT-BM801M Datasheet
274Kb / 3P
Low Capacitance and Insertion Loss
BM801M BENCENT-BM801M Datasheet
304Kb / 3P
Gas Discharge Tube
BM801M BENCENT-BM801M_16 Datasheet
304Kb / 3P
Gas Discharge Tube
logo
Sumida Corporation
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
More results


Similar Description - BM80A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
106Kb / 2P
300 Watts
logo
Anaren Microwave
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
Chip Termination 300 Watts, 50W
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
Chip Terminations 300 Watts, 50ohm
logo
Sparkle Power Inc.
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
300 Watts SFX Power Supply
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
300 Watts SFX Power Supply
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
300 Watts TFX Power Supply
logo
Artesyn Technologies
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
300 Watts PBM300 Series
RDH300 XPPOWER-RDH300 Datasheet
712Kb / 6P
DC-DC Converter 300 Watts
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com