Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

298D Datasheet (PDF) - Vishay Siliconix

298D Datasheet PDF - Vishay Siliconix
Part # 298D
Download  298D Download
File Size   485.98 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® Leadframeless Molded

298D Datasheet (PDF)

Go To PDF Page Download Datasheet
298D Datasheet PDF - Vishay Siliconix

Part # 298D
Download  298D Click to download

File Size   485.98 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® Leadframeless Molded

298D Datasheet (HTML) - Vishay Siliconix


298D Product details

FEATURES
• Small sizes include 0603 and 0402 footprint
• Lead (Pb)-free L-shaped face-down terminations
• 8 mm tape and reel packaging available per
EIA-481 and reeling per IEC 60286-3
7" [178 mm] standard
• Mounting: surface mount
• Moisture sensitivity level 1 (for exceptions refer to
“Standard Ratings” table)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Capacitance Range:
298D: 0.33 μF to 220 μF
298W: 2.2 μF to 220 μF
Capacitance Tolerance: ± 20 % standard, ± 10 % available
Voltage Range: 2.5 VDC to 50 VDC




Similar Part No. - 298D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D Datasheet
156Kb / 7P
Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
22-Oct-07
298D VISHAY-298D Datasheet
419Kb / 18P
Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
18-Jul-17
298D105X0010K2T VISHAY-298D105X0010K2T Datasheet
213Kb / 11P
Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
01-Sep-08
298D105X0016K2T VISHAY-298D105X0016K2T Datasheet
213Kb / 11P
Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
01-Sep-08
298D105X0016M2T VISHAY-298D105X0016M2T Datasheet
156Kb / 7P
Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
22-Oct-07
More results


Similar Description - 298D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
298D VISHAY-298D Datasheet
156Kb / 7P
Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
22-Oct-07
298D VISHAY-298D_08 Datasheet
213Kb / 11P
Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
01-Sep-08
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
21-Mar-13
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
15-Jan-13
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
16-Sep-09
298D VISHAY-298D_17 Datasheet
419Kb / 18P
Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
18-May-16
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
11-May-16
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
11-May-16
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
18-Jul-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com