Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR140LP-7 Datasheet (PDF) - Diodes Incorporated

SBR140LP-7 Datasheet PDF - Diodes Incorporated
Part # SBR140LP-7
Download  SBR140LP-7 Download
File Size   264.09 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SBR® SUPER BARRIER RECTIFIER

SBR140LP-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR140LP-7 Datasheet PDF - Diodes Incorporated

Part # SBR140LP-7
Download  SBR140LP-7 Click to download

File Size   264.09 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SBR® SUPER BARRIER RECTIFIER

SBR140LP-7 Datasheet (HTML) - Diodes Incorporated


SBR140LP-7 Product details

Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - SBR140LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR140LP DIODES-SBR140LP_15 Datasheet
264Kb / 4P
1.0A SBR짰 SUPER BARRIER RECTIFIER
Rev 5
More results


Similar Description - SBR140LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1A40SA DIODES-SBR1A40SA Datasheet
92Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER SMA
DS31768 Rev. 2 - 2
SBR1A40SA-13 DIODES-SBR1A40SA-13 Datasheet
99Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER SMA
Rev 4
SBR130SV-7 DIODES-SBR130SV-7 Datasheet
196Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER
Rev 6
SBR1U30SV DIODES-SBR1U30SV Datasheet
128Kb / 4P
1.0A SBR SUPER BARRIER RECTIFIER
Rev 6
SBR1045SD1 DIODES-SBR1045SD1 Datasheet
76Kb / 4P
10A SBR® SUPER BARRIER RECTIFIER
September 2011
SBR10U45D1 DIODES-SBR10U45D1 Datasheet
190Kb / 5P
10A SBR® SUPER BARRIER RECTIFIER
September 2014
SBR20B100CT DIODES-SBR20B100CT Datasheet
489Kb / 5P
20A SBR® SUPER BARRIER RECTIFIER
September 2015
SBR30A45CTBQ DIODES-SBR30A45CTBQ Datasheet
260Kb / 5P
30A SBR® SUPER BARRIER RECTIFIER
July 2013
SBR40U120CTE DIODES-SBR40U120CTE Datasheet
88Kb / 4P
40A SBR® SUPER BARRIER RECTIFIER
November 2011
SBR20E100CT DIODES-SBR20E100CT Datasheet
389Kb / 5P
20A SBR® SUPER BARRIER RECTIFIER
September 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com