Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR660CTL Datasheet (PDF) - Diodes Incorporated

SBR660CTL Datasheet PDF - Diodes Incorporated
Part # SBR660CTL
Download  SBR660CTL Download
File Size   193.48 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6A SBR® SUPER BARRIER RECTIFIER

SBR660CTL Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR660CTL Datasheet PDF - Diodes Incorporated

Part # SBR660CTL
Download  SBR660CTL Click to download

File Size   193.48 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6A SBR® SUPER BARRIER RECTIFIER

SBR660CTL Datasheet (HTML) - Diodes Incorporated


SBR660CTL Product details

Features
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - SBR660CTL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR660CTLQ DIODES-SBR660CTLQ Datasheet
239Kb / 5P
Reduced high temperature reverse leakage; Increased reliability
Rev erse
SBR660CTLQ-13 DIODES-SBR660CTLQ-13 Datasheet
239Kb / 5P
Reduced high temperature reverse leakage; Increased reliability
Rev erse
SBR660CTLQ DIODES-SBR660CTLQ_15 Datasheet
239Kb / 5P
SUPER BARRIER RECTIFIER 6A SBR짰
Rev erse
More results


Similar Description - SBR660CTL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR6100CTL-13 DIODES-SBR6100CTL-13 Datasheet
94Kb / 5P
6A SBR SUPER BARRIER RECTIFIER
Rev 7
SBR1045SD1 DIODES-SBR1045SD1 Datasheet
76Kb / 4P
10A SBR® SUPER BARRIER RECTIFIER
September 2011
SBR10U45D1 DIODES-SBR10U45D1 Datasheet
190Kb / 5P
10A SBR® SUPER BARRIER RECTIFIER
September 2014
SBR140LP DIODES-SBR140LP Datasheet
264Kb / 4P
1.0A SBR® SUPER BARRIER RECTIFIER
April 2015
SBR20B100CT DIODES-SBR20B100CT Datasheet
489Kb / 5P
20A SBR® SUPER BARRIER RECTIFIER
September 2015
SBR30A45CTBQ DIODES-SBR30A45CTBQ Datasheet
260Kb / 5P
30A SBR® SUPER BARRIER RECTIFIER
July 2013
SBR40U120CTE DIODES-SBR40U120CTE Datasheet
88Kb / 4P
40A SBR® SUPER BARRIER RECTIFIER
November 2011
SBR6100CTLQ DIODES-SBR6100CTLQ Datasheet
514Kb / 6P
6A SBR SUPER BARRIER RECTIFIER
August 2019
SBR20E100CT DIODES-SBR20E100CT Datasheet
389Kb / 5P
20A SBR® SUPER BARRIER RECTIFIER
September 2015
SBR20E120CT DIODES-SBR20E120CT Datasheet
491Kb / 5P
20A SBR® SUPER BARRIER RECTIFIER
June 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com