Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16 Datasheet (PDF) - Astec America, Inc

DA16 Datasheet PDF - Astec America, Inc
Part # DA16
Download  DA16 Download
File Size   1223.31 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 16 Watts

DA16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA16 Datasheet PDF - Astec America, Inc

Part # DA16
Download  DA16 Click to download

File Size   1223.31 Kbytes
Page   2 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 16 Watts

DA16 Datasheet (HTML) - Astec America, Inc




Similar Part No. - DA16

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
logo
Protek Devices
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
logo
Emerson Network Power
DA16-120AU EMERSON-NETWORKPOWER-DA16-120AU Datasheet
673Kb / 3P
Switching wallmount power supply
logo
Artesyn Technologies
DA16-120AU ARTESYN-DA16-120AU Datasheet
699Kb / 3P
DA16 Series 16 Watts
logo
Emerson Network Power
DA16-120EU EMERSON-NETWORKPOWER-DA16-120EU Datasheet
673Kb / 3P
Switching wallmount power supply
More results


Similar Description - DA16

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250-6Z50-2 ANAREN-RFP-250250-6Z50-2 Datasheet
515Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250N6Z50-2 ANAREN-RFP-250250N6Z50-2 Datasheet
519Kb / 2P
Aluminum Nitride Terminations 16 Watts, 50ohm
logo
Wall Industries,Inc.
LANS WALL-LANS Datasheet
148Kb / 3P
TO 1.8 WATTS 16 pin SMD
logo
Anaren Microwave
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
Chip Termination 16 Watts, 50廓
C16B50Z1A ANAREN-C16B50Z1A Datasheet
263Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16B100Z1A ANAREN-C16B100Z1A Datasheet
232Kb / 2P
Surface Mount Termination 16 Watts, 100W
C16N50Z4A ANAREN-C16N50Z4A Datasheet
160Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16N50Z4B ANAREN-C16N50Z4B Datasheet
307Kb / 2P
Surface Mount Termination 16 Watts, 50W
logo
Artesyn Technologies
DA16-120US ARTESYN-DA16-120US Datasheet
699Kb / 3P
DA16 Series 16 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com