Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSHB0530R-8R2M Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CSHB0530R-8R2M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CSHB0530R-8R2M
Download  CSHB0530R-8R2M Download
File Size   869.72 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Choke

CSHB0530R-8R2M Datasheet (PDF)

Go To PDF Page Download Datasheet
CSHB0530R-8R2M Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CSHB0530R-8R2M
Download  CSHB0530R-8R2M Click to download

File Size   869.72 Kbytes
Page   5 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description Molding Power Choke

CSHB0530R-8R2M Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CSHB0530R-8R2M Product details

Outline:
▪ Magnetic shielded structure:excellent resistance to electro
Magmetic interference (EMI)
▪ A composite structure,ultra low buzz noise
▪ Low loss,high efficiency,wide application frequency
▪ Lightweight design,save space,suitable for high density SMT

Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See www.codaca.com/en/PowerInductorLossComparison
▪ Enviromental:RoHS,Reach compliant ,Halogen free
▪ Weight:0.50g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃

Application:
▪ PDA/notebook/desktop/server applications
▪ DC /DC converters for entertainment/navigations systems
▪ Noise suppresion for motors:windshield wipers/power seats/Power
Mirrors/heating and ventilation blower/ HID lighting




Similar Part No. - CSHB0530R-8R2M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSHB0520R CODACA-CSHB0520R Datasheet
744Kb / 5P
Molding Power Choke
07/14/2020
CSHB0520R-1R0M CODACA-CSHB0520R-1R0M Datasheet
744Kb / 5P
Molding Power Choke
07/14/2020
CSHB0520R-1R2M CODACA-CSHB0520R-1R2M Datasheet
744Kb / 5P
Molding Power Choke
07/14/2020
CSHB0520R-1R5M CODACA-CSHB0520R-1R5M Datasheet
744Kb / 5P
Molding Power Choke
07/14/2020
CSHB0520R-2R2M CODACA-CSHB0520R-2R2M Datasheet
744Kb / 5P
Molding Power Choke
07/14/2020
More results


Similar Description - CSHB0530R-8R2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com